Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1123IRTMRG3 Datasheet(PDF) 9 Page - Texas Instruments

Part # TRF1123IRTMRG3
Description  2.1-GHz to 2.7-GHz 1-W Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1123IRTMRG3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF1123IRTMRG3 Datasheet HTML 5Page - Texas Instruments TRF1123IRTMRG3 Datasheet HTML 6Page - Texas Instruments TRF1123IRTMRG3 Datasheet HTML 7Page - Texas Instruments TRF1123IRTMRG3 Datasheet HTML 8Page - Texas Instruments TRF1123IRTMRG3 Datasheet HTML 9Page - Texas Instruments TRF1123IRTMRG3 Datasheet HTML 10Page - Texas Instruments TRF1123IRTMRG3 Datasheet HTML 11Page - Texas Instruments TRF1123IRTMRG3 Datasheet HTML 12Page - Texas Instruments TRF1123IRTMRG3 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.ti.com
3.80
0.25 TYP
0.50 TYP
SOLDER MASK: NO SOLDERMASK UNDER CHIP, ON LEAD PADS
OR ON GROUND CONNECTIONS.
25 VIA HOLES, EACH 0.38 mm.
DIMENSIONS in mm
DIA 0.38
TYP
0.60 TYP
3.80
3.50
3.50
0.20 TYP
0.75 TYP
0.75 TYP
PIN 1
TRF1123
SLWS167B – APRIL 2005 – REVISED SEPTEMBER 2006
Table 2. PCB Recommendations (continued)
Prepreg Thickness
8 mil
Recommended Number of Layers
4
Via Plating Thickness
0.5 oz
Final Plate
White immersion tin
Final Board Thickness
33-37 mil
Figure 11. Recommended Pad Layout
9
Submit Documentation Feedback


Similar Part No. - TRF1123IRTMRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1123 TI-TRF1123 Datasheet
394Kb / 11P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
More results

Similar Description - TRF1123IRTMRG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1123 TI-TRF1123 Datasheet
394Kb / 11P
[Old version datasheet]   2.1-GHz to 2.7-GHz 1-W Power Amplifier
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
Qorvo, Inc
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
   2.7 to 3.5 GHz, 18 W GaN Power Amplifier
TGA2583-SM QORVO-TGA2583-SM Datasheet
798Kb / 13P
   2.7 to 3.7 GHz, 10 W GaN Power Amplifier
April 2020
TGA2975-SM QORVO-TGA2975-SM Datasheet
537Kb / 18P
   2.7 to 3.5 GHz, 12 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
   46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
ADL5571 AD-ADL5571 Datasheet
468Kb / 16P
   2.5 GHz to 2.7 GHz WiMAX Power Amplifier
REV. 0
logo
Qorvo, Inc
QPA3069 QORVO-QPA3069 Datasheet
778Kb / 19P
   2.7 ??3.5 GHz 100 W GaN Power Amplifier
TQM879006A QORVO-TQM879006A Datasheet
771Kb / 11P
   1.4 ??2.7 GHz 1/4 W Digital Variable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com