Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7242IBAZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICM7242IBAZ
Description  Long Range Fixed Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7242IBAZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICM7242IBAZ Datasheet HTML 2Page - Intersil Corporation ICM7242IBAZ Datasheet HTML 3Page - Intersil Corporation ICM7242IBAZ Datasheet HTML 4Page - Intersil Corporation ICM7242IBAZ Datasheet HTML 5Page - Intersil Corporation ICM7242IBAZ Datasheet HTML 6Page - Intersil Corporation ICM7242IBAZ Datasheet HTML 7Page - Intersil Corporation ICM7242IBAZ Datasheet HTML 8Page - Intersil Corporation ICM7242IBAZ Datasheet HTML 9Page - Intersil Corporation ICM7242IBAZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN2866.4
February 9, 2007
Typical Performance Curves
FIGURE 7. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 8. RECOMMENDED RANGE OF TIMING
COMPONENT VALUES FOR ACCURATE TIMING
FIGURE 9. TIMEBASE FREE RUNNING FREQUENCY vs R AND C
FIGURE 10. MINIMUM TRIGGER PULSE WIDTH vs TRIGGER
AMPLITUDE
FIGURE 11. MINIMUM RESET PULSE WIDTH vs RESET
AMPLITUDE
FIGURE 12. NORMALIZED FREQUENCY STABILITY IN THE
ASTABLE MODE vs SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
16
0
260
240
220
200
180
160
140
120
100
80
60
40
20
TA = -20°C
RESET MODE
TA = +25°C
TA = +75°C
TIMING CAPACITOR, C (µF)
100pF
0.01
1
10
100
1000 10,000
100
100M
10M
1M
100k
10k
1k
0.1
0.001
RECOMMENDED RANGE OF
TIMING COMPONENT VALUES
TA = +25°C
10M
Ω
TIME BASE FREQUENCY (Hz)
0.1
1
10
100
1k
10k
100k
1M
10M
10,000
VDD = 5.0V
TA = +25°C
100k
Ω
10k
Ω
1k
Ω
1M
Ω
1,000
100
10
1
0.1
0.01
0.001
100p
10p
1p
TRIGGER AMPLITUDE (V)
01
234
56
789
10
0
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
TA = +25°C
VDD = 5V
VDD = 2V
VDD = 16V
RESET AMPLITUDE (V)
0123
45678
9
10
0
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
TA = 25°C
VDD = 5V
VDD = 2V
VDD = 16V
SUPPLY VOLTAGE (V)
2
1012
14
1618
20
+10.0
+8.0
+6.0
+4.0
+2.0
0.0
-2.0
-4.0
-6.0
-8.0
-10.0
TA = +25°C
R
8
6
4
C
10k
Ω
1M
Ω
1k
Ω
100k
Ω
10k
Ω
100k
Ω
0.001µF
100pF
0.1µF
0.001µF
0.01µF
0.01µF
ICM7242
ICM7242


Similar Part No. - ICM7242IBAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7242IBAZ INTERSIL-ICM7242IBAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
Renesas Technology Corp
ICM7242IBAZ RENESAS-ICM7242IBAZ Datasheet
571Kb / 11P
   Long Range Fixed Timer
More results

Similar Description - ICM7242IBAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Intersil Corporation
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Motorola, Inc
MC33187 MOTOROLA-MC33187 Datasheet
325Kb / 7P
   Long Duration Automotive Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B Datasheet
247Kb / 13P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Linear Technology
LTC6995-2 LINER-LTC6995-2_15 Datasheet
321Kb / 28P
   Long Timer, Low Frequency Oscillator
logo
Panasonic Semiconductor
AN6783S PANASONIC-AN6783S Datasheet
85Kb / 9P
   IC for long interval timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com