Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1122 Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF1122
Description  2.5-GHz Integrated Up-Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1122 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF1122_07 Datasheet HTML 2Page - Texas Instruments TRF1122_07 Datasheet HTML 3Page - Texas Instruments TRF1122_07 Datasheet HTML 4Page - Texas Instruments TRF1122_07 Datasheet HTML 5Page - Texas Instruments TRF1122_07 Datasheet HTML 6Page - Texas Instruments TRF1122_07 Datasheet HTML 7Page - Texas Instruments TRF1122_07 Datasheet HTML 8Page - Texas Instruments TRF1122_07 Datasheet HTML 9Page - Texas Instruments TRF1122_07 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.ti.com
APPLICATION SCHEMATIC
S0196-01
LOINN
LOINP
UCATTN
RFOUT
IFINN
IFINP
UCEN
VDD2
GND
RFO
MXRO
UCEN
IFIN
IFIP
VDDIFP
VDDIFN
MXRADJC
0.01 F
m
100pF
100 F
m
100pF
0.01 F
m
100pF
100pF
0.01 F
m
0.01 F
m
0.01 F
m
0 W
(2)
33nH
(1)
33nH
(1)
1000pF
1000pF
100pF
100pF
VDD
–VNEG
VDD
IADJ
Base
UCATTN
LOADJ1
GND
VNEG
23
22
24
21
20
19
18
17
31
30
32
29
28
27
26
25
GND
3
2
5
6
7
8
1
4
11
10
13
14
15
16
9
12
BPF
Z=50 W
TRF1122
SLWS173B – APRIL 2005 – REVISED SEPTEMBER 2006
6
Submit Documentation Feedback


Similar Part No. - TRF1122_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
More results

Similar Description - TRF1122_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Texas Instruments
TRF1222 TI-TRF1222 Datasheet
455Kb / 12P
[Old version datasheet]   3.5-GHz Integrated Up-Converter
logo
Hittite Microwave Corpo...
HMC113 HITTITE-HMC113 Datasheet
94Kb / 1P
   GaAs MMIC 2.5 TO 6 GHz UP - CONVERTER
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Mimix Broadband
XU1012-QH MIMIX-XU1012-QH Datasheet
875Kb / 7P
   5.6-10.5 GHz Up-Converter
logo
M/A-COM Technology Solu...
MAUC-010506 MA-COM-MAUC-010506 Datasheet
866Kb / 7P
   Up Converter 17.68 - 23.62 GHz
logo
Mimix Broadband
XU1014-QH MIMIX-XU1014-QH_09 Datasheet
1Mb / 7P
   8.0-18.0 GHz Up-Converter
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com