Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7667CPAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # 7667CPAZ
Description  Dual Power MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7667CPAZ Datasheet(HTML) 1 Page - Intersil Corporation

  7667CPAZ Datasheet HTML 1Page - Intersil Corporation 7667CPAZ Datasheet HTML 2Page - Intersil Corporation 7667CPAZ Datasheet HTML 3Page - Intersil Corporation 7667CPAZ Datasheet HTML 4Page - Intersil Corporation 7667CPAZ Datasheet HTML 5Page - Intersil Corporation 7667CPAZ Datasheet HTML 6Page - Intersil Corporation 7667CPAZ Datasheet HTML 7Page - Intersil Corporation 7667CPAZ Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN2853.5
ICL7667
Dual Power MOSFET Driver
The ICL7667 is a dual monolithic high-speed driver designed
to convert TTL level signals into high current outputs at
voltages up to 15V. Its high speed and current output enable
it to drive large capacitive loads with high slew rates and low
propagation delays. With an output voltage swing only
millivolts less than the supply voltage and a maximum supply
voltage of 15V, the ICL7667 is well suited for driving power
MOSFETs in high frequency switched-mode power
converters. The ICL7667’s high current outputs minimize
power losses in the power MOSFETs by rapidly charging
and discharging the gate capacitance. The ICL7667’s inputs
are TTL compatible and can be directly driven by common
pulse-width modulation control ICs.
Features
• Fast Rise and Fall Times
- 30ns with 1000pF Load
• Wide Supply Voltage Range
-VCC = 4.5V to 15V
• Low Power Consumption
- 4mW with Inputs Low
- 20mW with Inputs High
• TTL/CMOS Input Compatible Power Driver
-ROUT = 7Ω Typ
• Direct Interface with Common PWM Control ICs
• Pin Equivalent to DS0026/DS0056; TSC426
Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Switching Power Supplies
• DC/DC Converters
• Motor Controllers
Pinout
ICL7667 (PDIP, SOIC)
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(oC)
PACKAGE
PKG.
DWG.
#
ICL7667CBA
7667CBA
0 to 70
8 Ld SOIC (N) M8.15
ICL7667CBA-T
7667CBA
0 to 70
8 Ld SOIC (N)
Tape and Reel
M8.15
ICL7667CBAZA
(Note)
7667CBAZ
0 to 70
8 Ld SOIC (N)
(Pb-free)
M8.15
ICL7667CBAZA-T
(Note)
7667CBAZ
0 to 70
8 Ld SOIC (N)
Tape and Reel
(Pb-free)
M8.15
ICL7667CPA
7667CPA
0 to 70
8 Ld PDIP
E8.3
ICL7667CPAZ
(Note)
7667CPAZ
0 to 70
8 Ld PDIP*
(Pb-free)
E8.3
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing ap-
plications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow tempera-
tures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
N/C
OUT A
V+
OUT B
N/C
IN A
V-
IN B
1
2
3
4
8
7
6
5
VCC
IN
2mA
OUT
Data Sheet
April 4, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1999, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - 7667CPAZ

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7667 SONARDYNE-7667 Datasheet
132Kb / 2P
   Lightweight Command Unit
logo
Toshiba Semiconductor
76676100 TOSHIBA-76676100 Datasheet
5Mb / 43P
   LCD Color Television
2005
76676100 TOSHIBA-76676100 Datasheet
10Mb / 42P
   LCD Color Television
2005
76676100 TOSHIBA-76676100 Datasheet
6Mb / 43P
   LCD Color Television
2005
76676100 TOSHIBA-76676100 Datasheet
7Mb / 10P
   LCD Color Television
2005
More results

Similar Description - 7667CPAZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667 Datasheet
64Kb / 8P
   Dual Power MOSFET Driver
logo
Maxim Integrated Produc...
MAX626 MAXIM-MAX626_V01 Datasheet
26Kb / 3P
   DUAL POWER MOSFET DRIVER
2000
logo
Intersil Corporation
ICL7667CBAZA-T INTERSIL-ICL7667CBAZA-T Datasheet
330Kb / 10P
   Dual Power MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com