Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7242 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICM7242
Description  Long Range Fixed Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7242 Datasheet(HTML) 5 Page - Intersil Corporation

  ICM7242_07 Datasheet HTML 1Page - Intersil Corporation ICM7242_07 Datasheet HTML 2Page - Intersil Corporation ICM7242_07 Datasheet HTML 3Page - Intersil Corporation ICM7242_07 Datasheet HTML 4Page - Intersil Corporation ICM7242_07 Datasheet HTML 5Page - Intersil Corporation ICM7242_07 Datasheet HTML 6Page - Intersil Corporation ICM7242_07 Datasheet HTML 7Page - Intersil Corporation ICM7242_07 Datasheet HTML 8Page - Intersil Corporation ICM7242_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN2866.4
February 9, 2007
To use the 8-bit counter without the timebase, Terminal 7
(RC) should be connected to ground and the outputs taken
from Terminals 2 and 3.
The ICM7242 may be used for a very low frequency square
wave reference. For this application the timing components
are more convenient than those that would be required by a
555 timer. For very low frequencies, devices may be
cascaded (see Figure 3).
For monostable operation the
÷28 output is connected to the
RESET terminal. A positive edge on TRIGGER initiates the
cycle (NOTE: TRIGGER overrides RESET).
The ICM7242 is superior in all respects to the 2242 except
for initial accuracy and oscillator stability. This is primarily
due to the fact that high value p-resistors have been used on
the ICM7242 to provide the comparator timing points.
By selection of R and C, a wide variety of sequence timing
can be realized. A typical flow chart for a machine tool
controller could be as shown in Figure 5.
By cascading devices, use of low cost CMOS AND/OR gates
and appropriate RC delays between stages, numerous
sequential control variations can be obtained. Typical
applications include injection molding machine controllers,
phonograph record production machines, automatic
sequencers (no metal contacts or moving parts), milling
machine controllers, process timers, automatic lubrication
systems, etc.
Sequence Timing
• Process Control
• Machine Automation
• Electro-Pneumatic Drivers
• Multi Operation (Serial or Parallel Controlling)
1
2
3
4
8
7
6
5
VDD
C
R
1
2
3
4
8
7
6
5
ICM7242
ICM7242
f = RC/216
FIGURE 3. LOW FREQUENCY REFERENCE (OSCILLATOR)
OUTPUT
TERMINAL 3
TB OUTPUT
TRIGGER
TERMINAL 8
TERMINAL 6
1
2
3
4
8
7
6
5
VDD
C
R
ICM7242
OUTPUT
100k
Ω
TRIGGER
RESET
S1
FIGURE 4. MONOSTABLE OPERATION
TABLE 1. COMPARING THE ICM7242 WITH THE 2242
CHARACTERISTICS
ICM7242
2242
Operating Voltage
2V to 16V
4V to 15V
Operating Temperature Range
-25°C to 85°C0°C to 70°C
Supply Current, VDD = 5V
0.7mA (Max)
7mA (Max)
Pullup Resistors
TB Output
No
Yes
÷2 Output
No
Yes
÷256 Output
No
Yes
Toggle Rate
3.0MHz
0.5MHz
Resistor to Inhibit Oscillator
No
Yes
Resistor in Series with Reset for
Monostable Operation
No
Yes
Capacitor TB Terminal for HF
Operation
No
Sometimes
TRIGGERING CAN BE
OBTAINED FROM A
PREVIOUS STAGE,
A LIMIT SWITCH,
OPERATOR SWITCH, ETC.
ENABLE
10s
WAIT
5s
START
ICM7242
ICM7242
WAIT
5s
COUNT
TO 185
ENABLE
5s
ICM7242
ICM7240
ICM7242
STOP
START
STOP
WAIT
5s
WAIT
5s
ENABLE
5s
COUNT
TO 185
ENABLE
10s
FIGURE 5. FLOW CHART FOR MACHINE TOOL CONTROLLER
-
ICM7242
ICM7242


Similar Part No. - ICM7242_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7242C/D MAXIM-ICM7242C/D Datasheet
349Kb / 8P
   Fixed And Programmable Timer/Counters
logo
Intersil Corporation
ICM7242CBA INTERSIL-ICM7242CBA Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242CBAZ INTERSIL-ICM7242CBAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
Renesas Technology Corp
ICM7242CBAZ RENESAS-ICM7242CBAZ Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Intersil Corporation
ICM7242D INTERSIL-ICM7242D Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7242_07

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Intersil Corporation
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B_05 Datasheet
197Kb / 16P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Motorola, Inc
MC33187 MOTOROLA-MC33187 Datasheet
325Kb / 7P
   Long Duration Automotive Timer
logo
ATMEL Corporation
U6046B ATMEL-U6046B Datasheet
247Kb / 13P
   REAR WINDOW HEATING TIMER / LONG-TERM TIMER
logo
Linear Technology
LTC6995-2 LINER-LTC6995-2_15 Datasheet
321Kb / 28P
   Long Timer, Low Frequency Oscillator
logo
Panasonic Semiconductor
AN6783S PANASONIC-AN6783S Datasheet
85Kb / 9P
   IC for long interval timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com