Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50205Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # 50205Z
Description  100MHz Current Feedback Video Amplifier With Disable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

50205Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 50205Z Datasheet HTML 7Page - Intersil Corporation 50205Z Datasheet HTML 8Page - Intersil Corporation 50205Z Datasheet HTML 9Page - Intersil Corporation 50205Z Datasheet HTML 10Page - Intersil Corporation 50205Z Datasheet HTML 11Page - Intersil Corporation 50205Z Datasheet HTML 12Page - Intersil Corporation 50205Z Datasheet HTML 13Page - Intersil Corporation 50205Z Datasheet HTML 14Page - Intersil Corporation 50205Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
FN2845.11
June 5, 2006
Referring to Figure 7, it can be seen that R6 will act as a pull-up
resistor to +VCC if the DISABLE pin is left open. In those cases
where the enable/disable function is not required on all circuits
some circuits can be permanently enabled by letting the
DISABLE pin float. If a driver is used to set the enable/disable
level, be sure that the driver does not sink more than 20
µA
when the DISABLE pin is at a high level. TTL gates, especially
CMOS versions, do not violate this criteria so it is permissible to
control the enable/disable function with TTL.
Typical Applications
Two Channel Video Multiplexer
Referring to the amplifier U1A in Figure 8, R1 terminates the
cable in its characteristic impedance of 75
Ω, and R
4 back
terminates the cable in its characteristic impedance. The
amplifier is set up in a gain configuration of +2 to yield an
overall network gain of +1 when driving a double terminated
cable. The value of R3 can be changed if a different network
gain is desired. R5 holds the disable pin at ground thus
inhibiting the amplifier until the switch, S1, is thrown to
position 1. At position 1 the switch pulls the disable pin up to
the plus supply rail thereby enabling the amplifier. Since all
of the actual signal switching takes place within the amplifier,
it’s differential gain and phase parameters, which are 0.03%
and 0.03° respectively, determine the circuit’s performance.
The other circuit, U1B, operates in a similar manner.
When the plus supply rail is 5V the disable pin can be driven
by a dedicated TTL gate as discussed earlier. If a multiplexer
IC or its equivalent is used to select channels its logic must be
break before make. When these conditions are satisfied the
HA-5020 is often used as a remote video multiplexer, and the
multiplexer may be extended by adding more amplifier ICs.
Low Impedance Multiplexer
Two common problems surface when you try to multiplex
multiple high speed signals into a low impedance source
such as an A/D converter. The first problem is the low source
impedance which tends to make amplifiers oscillate and
causes gain errors. The second problem is the multiplexer
which supplies no gain, introduces all kinds of distortion and
limits the frequency response. Using op amps which have an
enable/disable function, such as the HA-5020, eliminates the
multiplexer problems because the external mux chip is not
needed, and the HA-5020 can drive low impedance (large
capacitance) loads if a series isolation resistor is used.
Referring to Figure 9, both inputs are terminated in their
characteristic impedance; 75
Ω is typical for video
applications. Since the drivers usually are terminated in their
characteristic impedance the input gain is 0.5, thus the
amplifiers, U2, are configured in a gain of +2 to set the circuit
gain equal to one. Resistors R2 and R3 determine the
amplifier gain, and if a different gain is desired R2 should be
changed according to the equation G = (1 + R3/R2). R3 sets
the frequency response of the amplifier so you should refer
to the manufacturers data sheet before changing its value.
R5, C1 and D1 are an asymmetrical charge/discharge time
circuit which configures U1 as a break before make switch to
prevent both amplifiers from being active simultaneously. If
this design is extended to more channels the drive logic
must be designed to be break before make. R4 is enclosed
in the feedback loop of the amplifier so that the large open
loop amplifier gain of U2 will present the load with a small
closed loop output impedance while keeping the amplifier
stable for all values of load capacitance.
The circuit shown in Figure 9 was tested for the full range of
capacitor values with no oscillations being observed; thus,
problem one has been solved. The frequency and gain
characteristics of the circuit are now those of the amplifier
and independent of any multiplexing action; thus, problem
two has been solved. The multiplexer transition time is
approximately 15
µs with the component values shown.
NOTES:
21. U1 is HA-5020.
22. All resistors in
Ω.
23. S1 is break before make.
24. Use ground plane.
VIDEO INPUT #1
VIDEO INPUT #2
R1
75
R3
681
R2
681
R4
75
R5
2000
+-
U1A
U1B
R9
75
R10
2000
R7
681
R8
681
R6
75
+5V IN
+5V
0.1
µF
10
µF
-5V IN
-5V
0.1
µF
10
µF
+
+
1
R11
100
VIDEO OUTPUT
TO 75
Ω LOAD
+5V
S1
2
3
ALL
OFF
FIGURE 8. TWO CHANNEL HIGH IMPEDANCE MULTIPLEXER
HA-5020


Similar Part No. - 50205Z

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
5020 KEYSTONE-5020 Datasheet
72Kb / 1P
   THRU HOLE MOUNT UNINSULATED TEST POINT
5.26.05
5020 KEYSTONE-5020 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Sensata Technologies, I...
5020 SENSATA-5020 Datasheet
241Kb / 5P
   HERMETICALLY SEALED THERMOSTAT PROBE
Rev:04/27/20
logo
Alpha Wire
5020-15C ALPHAWIRE-5020-15C Datasheet
72Kb / 3P
   Customer Specification
5020-20C ALPHAWIRE-5020-20C Datasheet
71Kb / 3P
   Customer Specification
More results

Similar Description - 50205Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024_06 Datasheet
415Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
HA5022 INTERSIL-HA5022_03 Datasheet
429Kb / 17P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
HA5022 INTERSIL-HA5022 Datasheet
169Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 1999
logo
Renesas Technology Corp
HA-5020 RENESAS-HA-5020 Datasheet
1Mb / 23P
   100MHz Current FeedbackVideo Amplifier With Disable
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com