Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2546 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HA-2546
Description  30MHz, Voltage Output, Two Quadrant Analog Multiplier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2546 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HA-2546 Datasheet HTML 7Page - Intersil Corporation HA-2546 Datasheet HTML 8Page - Intersil Corporation HA-2546 Datasheet HTML 9Page - Intersil Corporation HA-2546 Datasheet HTML 10Page - Intersil Corporation HA-2546 Datasheet HTML 11Page - Intersil Corporation HA-2546 Datasheet HTML 12Page - Intersil Corporation HA-2546 Datasheet HTML 13Page - Intersil Corporation HA-2546 Datasheet HTML 14Page - Intersil Corporation HA-2546 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN2861.6
November 19, 2004
FIGURE 13. VOLTAGE NOISE DENSITY
FIGURE 14. VY OFFSET AND BIAS CURRENT vs TEMPERATURE
FIGURE 15. OFFSET VOLTAGE vs TEMPERATURE
FIGURE 16. VX OFFSET AND BIAS CURRENT vs TEMPERATURE
FIGURE 17. VOUT vs VSUPPLY
FIGURE 18. VY CMRR vs FREQUENCY
Typical Performance Curves VS = ±15V, TA = 25oC, See Test Circuit For Multiplier Configuration (Continued)
FREQUENCY (Hz)
100
1K
10K
110
975
900
825
750
675
600
525
450
375
300
225
150
75
0
100K
14
12
10
-2
-4
8
6
4
2
0
TEMPERATURE (oC)
025
50
75
100
125
-55
-25
BIAS CURRENT
OFFSET CURRENT
10
-2
-4
8
6
4
2
0
VY
TEMPERATURE (oC)
0
25
50
75
100
125
-55
-25
-6
-8
-10
VX
VZ
3
-1
2
1
0
BIAS CURRENT
OFFSET CURRENT
TEMPERATURE (oC)
0
25
50
75
100
125
-55
-25
5
1
4
3
2
-VOUT
+VOUT
VSUPPLY
±5
±17
±15
±12
±8 ±7
0
6
7
FREQUENCY (Hz)
1K
10K
100K
1M
10M
100M
100
0
120
100
80
60
40
20
VX = 0V
VX = 2V
VYcm = 200mVRMS
HA-2546


Similar Part No. - HA-2546

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
logo
Intersil Corporation
HA-2546/883 INTERSIL-HA-2546/883 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
More results

Similar Description - HA-2546

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2546 INTERSIL-HA-2546 Datasheet
641Kb / 14P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2546 RENESAS-HA-2546 Datasheet
835Kb / 16P
   30MHz, Voltage Output, Two Quadrant Analog Multiplier
November 19, 2004
logo
Intersil Corporation
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
   Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2547 INTERSIL-HA-2547 Datasheet
836Kb / 8P
   100MHz, Two Quadrant, Current Output, Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
   57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
   57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com