Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7667CBAZA Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7667CBAZA
Description  Dual Power MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7667CBAZA Datasheet(HTML) 6 Page - Intersil Corporation

  ICL7667CBAZA Datasheet HTML 1Page - Intersil Corporation ICL7667CBAZA Datasheet HTML 2Page - Intersil Corporation ICL7667CBAZA Datasheet HTML 3Page - Intersil Corporation ICL7667CBAZA Datasheet HTML 4Page - Intersil Corporation ICL7667CBAZA Datasheet HTML 5Page - Intersil Corporation ICL7667CBAZA Datasheet HTML 6Page - Intersil Corporation ICL7667CBAZA Datasheet HTML 7Page - Intersil Corporation ICL7667CBAZA Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FN2853.5
April 4, 2006
Direct Drive of MOSFETs
Figure 11 shows interfaces between the ICL7667 and typical
switching regulator ICs. Note that unlike the DS0026, the
ICL7667 does not need a dropping resistor and speedup
capacitor between it and the regulator IC. The ICL7667, with
its high slew rate and high voltage drive can directly drive the
gate of the MOSFET. The SG1527 IC is the same as the
SG1525 IC, except that the outputs are inverted. This
inversion is needed since ICL7667 is an inverting buffer.
Transformer Coupled Drive of MOSFETs
Transformers are often used for isolation between the logic
and control section and the power section of a switching
regulator. The high output drive capability of the ICL7667
enables it to directly drive such transformers. Figure 11
shows a typical transformer coupled drive circuit. PWM ICs
with either active high or active low output can be used in
this circuit, since any inversion required can be obtained by
reversing the windings on the secondaries.
Buffered Drivers for Multiple MOSFETs
In very high power applications which use a group of
MOSFETs in parallel, the input capacitance may be very large
and it can be difficult to charge and discharge quickly. Figure
13 shows a circuit which works very well with very large
capacitance loads. When the input of the driver is zero, Q1 is
held in conduction by the lower half of the ICL7667 and Q2 is
clamped off by Q1. When the input goes positive, Q1 is turned
off and a current pulse is applied to the gate of Q2 by the
upper half of the ICL7667 through the transformer, T1. After
about 20ns, T1 saturates and Q2 is held on by its own CGS
and the bootstrap circuit of C1, D1 and R1. This bootstrap
circuit may not be needed at frequencies greater than 10kHz
since the input capacitance of Q2 discharges slowly.
18
16
14
12
10
8
6
4
2
0
-2
0246
810
12
14
16
18
20
ID = 1A
VDD = 50V
GATE CHARGE - QG (NANO-COULOMBS)
680pF
630pF
212pF
VDD = 200V
VDD = 375V
FIGURE 9. MOSFET GATE DYNAMIC CHARACTERISTICS
FIGURE 10A.
FIGURE 10B.
FIGURE 10. DIRECT DRIVE OF MOSFET GATES
SG1527
+VC
GND
B
A
ICL7667
+V
-V
15V
IRF730
IRF730
+165VDC
TL494
+VC
GND
C2
C1
ICL7667
+V
-V
15V
IRF730
IRF730
+165VDC
E2
E1
+15V
1K
1K
VOUT
ICL7667


Similar Part No. - ICL7667CBAZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL7667CBAZA RENESAS-ICL7667CBAZA Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667CBAZA-T INTERSIL-ICL7667CBAZA-T Datasheet
330Kb / 10P
   Dual Power MOSFET Driver
More results

Similar Description - ICL7667CBAZA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667 Datasheet
64Kb / 8P
   Dual Power MOSFET Driver
logo
Maxim Integrated Produc...
MAX626 MAXIM-MAX626_V01 Datasheet
26Kb / 3P
   DUAL POWER MOSFET DRIVER
2000
logo
Intersil Corporation
ICL7667CBAZA-T INTERSIL-ICL7667CBAZA-T Datasheet
330Kb / 10P
   Dual Power MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com