Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-4900 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA-4900
Description  Precision Quad Comparators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-4900 Datasheet(HTML) 7 Page - Intersil Corporation

  HA-4900_05 Datasheet HTML 1Page - Intersil Corporation HA-4900_05 Datasheet HTML 2Page - Intersil Corporation HA-4900_05 Datasheet HTML 3Page - Intersil Corporation HA-4900_05 Datasheet HTML 4Page - Intersil Corporation HA-4900_05 Datasheet HTML 5Page - Intersil Corporation HA-4900_05 Datasheet HTML 6Page - Intersil Corporation HA-4900_05 Datasheet HTML 7Page - Intersil Corporation HA-4900_05 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FIGURE 5. SUPPLY CURRENT vs TEMPERATURE (FOR
±15V
SUPPLIES AND +5V LOGIC SUPPLY)
FIGURE 6. SUPPLY CURRENT vs TEMPERATURE (FOR SINGLE
+5V OPERATION)
FIGURE 7. RESPONSE TIME FOR VARIOUS INPUT OVERDRIVES
FIGURE 8. MAXIMUM PACKAGE DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 9. POWER DISSIPATION vs SUPPLY VOLTAGE (NO
LOAD CONDITION)
Typical Performance Curves TA = 25oC, VS = ±15V, VLOGIC+ = 5V, VLOGIC- = 0V, Unless Otherwise Specified (Continued)
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
12
10
8
6
4
2
0
VLOGIC+ = 5V
VLOGIC- = GND
IPS+, VOUT = L
IPS+, VOUT = H
IPS-, VOUT = L
IPS-, VOUT = H
IPSL, VOUT = L
IPSL, VOUT = H
VS = ±15V
-50
-25
0
25
50
75
100
125
TEMPERATURE (oC)
5
4
3
2
1
0
V+ = 5V, V- = GND
VLOGIC+ = 5V
VLOGIC- = GND
IPSL, VOUT = H
IPS+, VOUT = H
IPS+, VOUT = L
IPSL, VOUT = L
6
7
5
4
3
2
1
0
0
-100mV
0
100
200
300
400
TIME (ns)
OVERDRIVE = 20mV
OVERDRIVE = 5mV
OVERDRIVE = 2mV
5
4
3
2
1
0
+100mV
0
0
100
200
300
400
TIME (ns)
OVERDRIVE = 20mV
OVERDRIVE = 5mV
OVERDRIVE = 2mV
0
25
50
75
100
125
TEMPERATURE (oC)
2.0
1.75
1.50
1.25
1.0
0.75
0.50
0.25
0
CERDIP
PDIP
SOIC
250
200
150
100
50
02
4
6
8
10
12
14
SUPPLY VOLTAGE (V)
V+
V-
VLOGIC+
0
HA-4900, HA-4902, HA-4905


Similar Part No. - HA-4900_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900 Datasheet
102Kb / 8P
   Precision Quad Comparators
September 1998
logo
Renesas Technology Corp
HA-4900 RENESAS-HA-4900 Datasheet
578Kb / 10P
   Precision Quad Comparators
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900 Datasheet
232Kb / 10P
   Precision Quad Comparators
June 28, 2012
More results

Similar Description - HA-4900_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-4900 INTERSIL-HA-4900 Datasheet
102Kb / 8P
   Precision Quad Comparators
September 1998
logo
Renesas Technology Corp
HA-4900 RENESAS-HA-4900 Datasheet
578Kb / 10P
   Precision Quad Comparators
logo
Intersil Corporation
HA1-4900-2 INTERSIL-HA1-4900-2 Datasheet
232Kb / 10P
   Precision Quad Comparators
June 28, 2012
logo
Texas Instruments
TLV9022 TI-TLV9022_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022_V03 Datasheet
3Mb / 54P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
REVISED AUGUST 2021
TLV9022 TI-TLV9022 Datasheet
2Mb / 41P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
TLV9022 TI-TLV9022_V04 Datasheet
4Mb / 58P
[Old version datasheet]   TLV902x and TLV903x High-Precision Dual and Quad Comparators
MAY 2022
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com