Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2850 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-2850
Description  470MHz, Low Power, High Slew Rate Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2850 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-2850 Datasheet HTML 1Page - Intersil Corporation HA-2850 Datasheet HTML 2Page - Intersil Corporation HA-2850 Datasheet HTML 3Page - Intersil Corporation HA-2850 Datasheet HTML 4Page - Intersil Corporation HA-2850 Datasheet HTML 5Page - Intersil Corporation HA-2850 Datasheet HTML 6Page - Intersil Corporation HA-2850 Datasheet HTML 7Page - Intersil Corporation HA-2850 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
HA-2850
470MHz, Low Power, High Slew Rate
Operational Amplifier
The HA-2850 is a wideband, high slew rate, operational
amplifier featuring superior speed and bandwidth
characteristics. Bipolar construction, coupled with dielectric
isolation, delivers outstanding performance in circuits with a
closed loop gain of 10 or greater.
A 340V/
µs slew rate and a 470MHz gain bandwidth product
ensure high performance in video and wideband amplifier
designs. Differential gain and phase are a low 0.04% and
0.04 degrees respectively, making the HA-2850 ideal for
video applications. A full
±10V output swing, high open loop
gain, and outstanding AC parameters, make the HA-2850 an
excellent choice for high speed Data Acquisition Systems.
For military grade product, refer to the HA-2850/883 data
sheet.
Pinout
HA-2850 (SOIC)
TOP VIEW
Features
• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . 7.5mA
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 340V/
µs
• Open Loop Gain. . . . . . . . . . . . . . . . . . . . . . . . . . . 25kV/V
• Wide Gain-Bandwidth (AV ≥ 10). . . . . . . . . . . . . . 470MHz
• Full Power Bandwidth . . . . . . . . . . . . . . . . . . . . . 5.4MHz
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . 0.6mV
• Input Noise Voltage . . . . . . . . . . . . . . . . . . . .
• Differential Gain/Phase . . . . . . . . . . 0.04%/0.04 Degrees
• Lower Power Enhanced Replacement for AD840 and
EL2040
Applications
• Pulse and Video Amplifiers
• Wideband Amplifiers
• High Speed Sample-Hold Circuits
• Fast, Precise D/A Converters
NC
-IN
+IN
V-
1
2
3
4
8
7
6
5
NC
V+
OUT
NC
-
+
Part Number Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA9P2850-5
(H28505)
0 to 75
8 Ld SOIC
M8.15
11nV/ Hz
Data Sheet
May 2003
FN2844.5
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
OBS
OLE
TE P
ROD
UCT
NO R
ECO
MME
NDE
D RE
PLA
CEM
ENT
cont
act o
ur T
echn
ical
Sup
port
Cen
ter a
t
1-88
8-IN
TER
SIL
or w
ww.
inter
sil.c
om/
tsc


Similar Part No. - HA-2850

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2850 INTERSIL-HA-2850 Datasheet
186Kb / 7P
   470MHz, Low Power, High Slew Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA-2850 RENESAS-HA-2850 Datasheet
537Kb / 7P
   470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2850/883 INTERSIL-HA-2850/883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
More results

Similar Description - HA-2850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2850 RENESAS-HA-2850 Datasheet
537Kb / 7P
   470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2850 INTERSIL-HA-2850 Datasheet
186Kb / 7P
   470MHz, Low Power, High Slew Operational Amplifier
September 1998
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com