Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2850 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HA-2850
Description  470MHz, Low Power, High Slew Rate Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2850 Datasheet(HTML) 6 Page - Intersil Corporation

  HA-2850 Datasheet HTML 1Page - Intersil Corporation HA-2850 Datasheet HTML 2Page - Intersil Corporation HA-2850 Datasheet HTML 3Page - Intersil Corporation HA-2850 Datasheet HTML 4Page - Intersil Corporation HA-2850 Datasheet HTML 5Page - Intersil Corporation HA-2850 Datasheet HTML 6Page - Intersil Corporation HA-2850 Datasheet HTML 7Page - Intersil Corporation HA-2850 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
FIGURE 9. INPUT OFFSET VOLTAGE AND INPUT BIAS
CURRENT vs TEMPERATURE
FIGURE 10. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 11. POSITIVE OUTPUT SWING vs TEMPERATURE
FIGURE 12. NEGATIVE OUTPUT SWING vs TEMPERATURE
Typical Performance Curves TA = 25oC, VSUPPLY = ±15V, RL = 1kΩ, CL < 10pF, Unless Otherwise Specified (Continued)
6.5
6.0
5.5
5.0
4.5
4.0
-60
-40
-20
0
20
40
60
80
100 120
140
3.5
2.5
1.5
0.5
-0.5
BIAS CURRENT
OFFSET VOLTAGE
TEMPERATURE (oC)
8.0
7.5
7.0
6.5
6.0
5.5
5.0
5
6
7
8
9
10
11
121314
15
SUPPLY VOLTAGE (
±V)
125oC
25oC
-55oC
13
9
5
-60
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (oC)
3
7
11
±8V, 75Ω
±15V, 1kΩ
±15V, 150Ω
±8V, 1kΩ
±8V, 150Ω
±15V, 75Ω
-60
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (oC)
-3
-7
-11
-13
-5
-9
±8V, 75Ω
±15V, 75Ω
±15V, 1kΩ
±15V, 150Ω
±8V, 1kΩ
±8V, 150Ω
HA-2850


Similar Part No. - HA-2850

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2850 INTERSIL-HA-2850 Datasheet
186Kb / 7P
   470MHz, Low Power, High Slew Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA-2850 RENESAS-HA-2850 Datasheet
537Kb / 7P
   470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2850/883 INTERSIL-HA-2850/883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
More results

Similar Description - HA-2850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2850 RENESAS-HA-2850 Datasheet
537Kb / 7P
   470MHz, Low Power, High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2850 INTERSIL-HA-2850 Datasheet
186Kb / 7P
   470MHz, Low Power, High Slew Operational Amplifier
September 1998
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
   Low Power, High Slew Rate, Wideband Operational Amplifier
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
   High Slew Rate Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
   HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
   High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
   High Slew Rate Operational Amplifier
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
   High Slew Rate Operational Amplifier
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
   Precision High Slew Rate Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com