Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HEF4093B Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. HEF4093B
Description  Quadruple 2-input NAND Schmitt trigger
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 3 page
background image
January 1995
3
Philips Semiconductors
Product specification
Quadruple 2-input NAND Schmitt trigger
HEF4093B
gates
DC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C
VDD
V
SYMBOL
MIN.
TYP.
MAX.
Hysteresis
5
0,4
0,7
V
voltage
10
VH
0,6
1,0
V
15
0,7
1,3
V
Switching levels
5
1,9
2,9
3,5
V
positive-going
10
VP
3,6
5,2
7
V
input voltage
15
4,7
7,3
11
V
negative-going
5
1,5
2,2
3,1
V
input voltage
10
VN
3
4,2
6,4
V
15
4
6,0
10,3
V
Fig.4 Transfer characteristic.
Fig.5
Waveforms showing definition of
VP,VN and VH; where VN and VP are
between limits of 30% and 70%.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD14093BQuadruple 2-input NAND Schmitt Trigger 1 2 3 4 5 MoreHitachi Semiconductor
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
CD54HC132High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreTexas Instruments
MC74LVX132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
CD4093BMQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreNational Semiconductor (TI)
MC74AC132Quad 2−Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
HCS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreIntersil Corporation
UT54ACS132Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers 1 2 3 4 List of Unclassifed Manufacturers
SN54LS132QUAD 2-INPUT SCHMITT TRIGGER NAND GATE 1 2 3 4 5 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl