Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HEF4093B Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. HEF4093B
Description  Quadruple 2-input NAND Schmitt trigger
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 6 page
background image
January 1995
6
Philips Semiconductors
Product specification
Quadruple 2-input NAND Schmitt trigger
HEF4093B
gates
Fig.9 Typical switching levels as a function of supply voltage VDD;Tamb =25 °C.
APPLICATION INFORMATION
Some examples of applications for the HEF4093B are:
• Wave and pulse shapers
• Astable multivibrators
• Monostable multivibrators.
Fig.10 The HEF4093B used as a astable multivibrator.
Fig.11 Schmitt trigger driven via a high impedance
(R
> 1kΩ).
If a Schmitt trigger is driven via a high impedance (R > 1 k
Ω) then it is necessary to incorporate a capacitor C of such
value that:
Cp is the external parasitic capacitance between inputs and output; the value depends on the circuit board layout.
Note
The two inputs may be connected together, but this will result in a larger through-current at the moment of switching.
C
C
p
-------
V
DD
V
SS
V
H
---------------------------
, otherwise oscillation can occur on the edges of a pulse.
>




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD14093BQuadruple 2-input NAND Schmitt Trigger 1 2 3 4 5 MoreHitachi Semiconductor
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
CD54HC132High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreTI store
MC74LVX132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
CD4093BMQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreNational Semiconductor (TI)
MC74AC132Quad 2−Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
HCS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreIntersil Corporation
UT54ACS132Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers 1 2 3 4 List of Unclassifed Manufacturers
SN54LS132QUAD 2-INPUT SCHMITT TRIGGER NAND GATE 1 2 3 4 5 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl