Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HEF4093B Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. HEF4093B
Description  Quadruple 2-input NAND Schmitt trigger
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 4 page
background image
January 1995
4
Philips Semiconductors
Product specification
Quadruple 2-input NAND Schmitt trigger
HEF4093B
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
5
90
185 ns
63 ns
+ (0,55 ns/pF) CL
In → On
10
tPHL
40
80 ns
29 ns
+ (0,23 ns/pF) CL
HIGH to LOW
15
30
60 ns
22 ns
+ (0,16 ns/pF) CL
5
85
170 ns
58 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
80 ns
29 ns
+ (0,23 ns/pF) CL
15
30
60 ns
22 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1300 fi +∑(foCL) × VDD2
where
dissipation per
10
6400 fi +∑(foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
18 700 fi +∑(foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HD14093BQuadruple 2-input NAND Schmitt Trigger 1 2 3 4 5 MoreHitachi Semiconductor
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
ACS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 Intersil Corporation
CD54HC132High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreTI store
MC74LVX132Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
CD4093BMQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreNational Semiconductor (TI)
MC74AC132Quad 2−Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
HCS132MSRadiation Hardened Quad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreIntersil Corporation
UT54ACS132Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers 1 2 3 4 List of Unclassifed Manufacturers
SN54LS132QUAD 2-INPUT SCHMITT TRIGGER NAND GATE 1 2 3 4 5 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl