Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA3-2840-5 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HA3-2840-5
Description  600MHz, Very High Slew Rate Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA3-2840-5 Datasheet(HTML) 7 Page - Intersil Corporation

  HA3-2840-5 Datasheet HTML 1Page - Intersil Corporation HA3-2840-5 Datasheet HTML 2Page - Intersil Corporation HA3-2840-5 Datasheet HTML 3Page - Intersil Corporation HA3-2840-5 Datasheet HTML 4Page - Intersil Corporation HA3-2840-5 Datasheet HTML 5Page - Intersil Corporation HA3-2840-5 Datasheet HTML 6Page - Intersil Corporation HA3-2840-5 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Die Characteristics
DIE DIMENSIONS:
65 mils x 52 mils x 19 mils
1650
µm x 1310µm x 483µm
METALLIZATION:
Type: Aluminum, 1% Copper
Thickness: 16k
Å
±2kÅ
PASSIVATION:
Type: Nitride over Silox
Silox Thickness: 12k
Å
±2kÅ
Nitride thickness: 3.5k
Å
±1kÅ
SUBSTRATE POTENTIAL (Powered Up):
V-
TRANSISTOR COUNT:
34
PROCESS:
High Frequency Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2840
V-
+IN
-IN
OUT
V+
HA-2840


Similar Part No. - HA3-2840-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA3-2840-5 HARRIS-HA3-2840-5 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
More results

Similar Description - HA3-2840-5

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
   600MHz, Very High Slew Rate Operational Amplifier
September 1998
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
   600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
134Kb / 7P
   600MHz, Very High Slew Rate Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
   Very High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
   Very High Slew Rate Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com