Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA-2841 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-2841
Description  50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2841 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-2841_03 Datasheet HTML 1Page - Intersil Corporation HA-2841_03 Datasheet HTML 2Page - Intersil Corporation HA-2841_03 Datasheet HTML 3Page - Intersil Corporation HA-2841_03 Datasheet HTML 4Page - Intersil Corporation HA-2841_03 Datasheet HTML 5Page - Intersil Corporation HA-2841_03 Datasheet HTML 6Page - Intersil Corporation HA-2841_03 Datasheet HTML 7Page - Intersil Corporation HA-2841_03 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Typical Performance Curves TA = 25oC, VSUPPLY = ±15V, RL = 1kΩ, CL < 10pF, Unless Otherwise Specified
FIGURE 3. FREQUENCY RESPONSE FOR VARIOUS GAINS
FIGURE 4. GAIN BANDWIDTH PRODUCT vs SUPPLY VOLTAGE
FIGURE 5. GAIN BANDWIDTH PRODUCT vs TEMPERATURE
FIGURE 6. CMRR vs FREQUENCY
FIGURE 7. PSRR vs FREQUENCY
FIGURE 8. INPUT NOISE vs FREQUENCY
100
80
60
40
20
0
1K
10K
100K
1M
10M
100M 500M
100
FREQUENCY (Hz)
0
90
180
OPEN
LOOP
AVCL
= 1000
AVCL
= 100
AVCL
= 10
AVCL
= 1
OPEN
LOOP
AVCL
= 1000
AVCL
= 100 AVCL
= 10
AVCL = 1
55
45
35
6
7
8
9
10
11
12
13
14
15
SUPPLY VOLTAGE (
±V)
30
40
50
60
65
55
40
35
-60
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE (oC)
30
45
50
60
100
90
80
70
60
50
40
30
100
1K
10K
100K
1M
10M
FREQUENCY (Hz)
90
80
70
60
50
40
30
20
100
1K
1M
10K
10M
100K
FREQUENCY (Hz)
±PSRR
120
90
60
30
40
30
20
10
0
0
10
100
1K
10K
100K
FREQUENCY (Hz)
NOISE CURRENT
NOISE VOLTAGE
HA-2841


Similar Part No. - HA-2841_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2841/883 INTERSIL-HA-2841/883 Datasheet
272Kb / 13P
   Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
HA-2841883 INTERSIL-HA-2841883 Datasheet
272Kb / 13P
   Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
More results

Similar Description - HA-2841_03

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
   Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Intersil Corporation
HA-2541 INTERSIL-HA-2541_04 Datasheet
459Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
HA-2541 INTERSIL-HA-2541 Datasheet
481Kb / 9P
   40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
September 1998
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
   Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. B
AD841 AD-AD841_15 Datasheet
338Kb / 16P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV. C
AD841 AD-AD841_17 Datasheet
377Kb / 17P
   Wideband, Unity-Gain Stable, Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com