Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVCA406 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCA406
Description  MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVCA406 Datasheet HTML 2Page - Texas Instruments SN74AVCA406 Datasheet HTML 3Page - Texas Instruments SN74AVCA406 Datasheet HTML 4Page - Texas Instruments SN74AVCA406 Datasheet HTML 5Page - Texas Instruments SN74AVCA406 Datasheet HTML 6Page - Texas Instruments SN74AVCA406 Datasheet HTML 7Page - Texas Instruments SN74AVCA406 Datasheet HTML 8Page - Texas Instruments SN74AVCA406 Datasheet HTML 9Page - Texas Instruments SN74AVCA406 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
www.ti.com
SN74AVCA406
MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card
±15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SCES615H – OCTOBER 2004 – REVISED JANUARY 2007
Configuration 1b - Interfacing With SD Card or MMC
(SD 1-Bit Mode or MMC Mode)
Table 3. SD Card or MMC
SIGNAL NAME
PIN
PIN
PIN
OR
PIN FUNCTION
NO.
NAME
TYPE
(CONNECTION)
A1
VCCA
VCCA
A-port supply voltage. VCCA powers all A-port I/Os and control inputs.
Power
B1
10A1
CLK.h
Clock signal from host
Input
C1
9A
CMD.h
Command signal connected to host
I/O
D1
9DIR
CMD-dir.h
Direction control for 9A/9B
Input
E1
78DIR
(tie-high)
Direction control for 7A/7B and 8A/8B. Not used in this mode. Tie to VCCA.
Input
F1
7A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
G1
VCCA
VCCA
A-port supply voltage. VCCA powers all A-port I/Os and control inputs.
Power
A2
2A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
B2
3A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
Clock feedback to host for resynchronizing data. Used in OMAP processors. Optional on
C2
10A2
CLK-f.h
Output
other processors. Leave unconnected if not used.
D2
4A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
E2
6A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
F2
8A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
G2
5A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
6
Submit Documentation Feedback


Similar Part No. - SN74AVCA406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGR TI-SN74AVCA406DGGR Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGR TI1-SN74AVCA406DGGR Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406DGGRE4 TI-SN74AVCA406DGGRE4 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results

Similar Description - SN74AVCA406

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com