Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4078BD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4078BD
Description  8-input NOR gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4078BD Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4078BD Datasheet HTML 1Page - NXP Semiconductors HEF4078BD Datasheet HTML 2Page - NXP Semiconductors HEF4078BD Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
January 1995
3
Philips Semiconductors
Product specification
8-input NOR gate
HEF4078B
gates
AC CHARACTERISTICS
VSS =0V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
In → On
5
80
160
ns
53 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
35
70
ns
24 ns
+ (0,23 ns/pF) CL
15
25
50
ns
17 ns
+ (0,16 ns/pF) CL
5
80
160
ns
53 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
35
70
ns
24 ns
+ (0,23 ns/pF) CL
15
25
50
ns
17 ns
+ (0,16 ns/pF) CL
Output transition
times
5
60
120
ns
10 ns
+ (1,0 ns/pF) C
L
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
750 fi +∑ (foCL) × VDD 2
where
dissipation per
10
2800 fi +∑ (foCL) × VDD 2
fi = input freq. (MHz)
package (P)
15
7500 fi +∑ (foCL) × VDD 2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)


Similar Part No. - HEF4078BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4070B PHILIPS-HEF4070B Datasheet
28Kb / 3P
   Quadruple exclusive-OR gate
January 1995
logo
Nexperia B.V. All right...
HEF4070B NEXPERIA-HEF4070B Datasheet
197Kb / 9P
   Quad 2-input EXCLUSIVE-OR gate
Rev. 6 - 14 February 2022
HEF4070B-Q100 NEXPERIA-HEF4070B-Q100 Datasheet
719Kb / 11P
   Quad 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
HEF4070BD PHILIPS-HEF4070BD Datasheet
28Kb / 3P
   Quadruple exclusive-OR gate
January 1995
HEF4070BF PHILIPS-HEF4070BF Datasheet
28Kb / 3P
   Quadruple exclusive-OR gate
January 1995
More results

Similar Description - HEF4078BD

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14078B HITACHI-HD14078B Datasheet
50Kb / 4P
   8-input NOR Gate
logo
Texas Instruments
SN74HC4078A TI1-SN74HC4078A Datasheet
80Kb / 4P
[Old version datasheet]   8-INPUT OR/NOR GATE
logo
STMicroelectronics
M54HC4078 STMICROELECTRONICS-M54HC4078 Datasheet
233Kb / 9P
   8 INPUT NOR/OR GATE
logo
Micro Electronics
MMC4078 MICRO-ELECTRONICS-MMC4078 Datasheet
103Kb / 3P
   8-INPUT NOR/OR GATE
logo
STMicroelectronics
M74HC4078 STMICROELECTRONICS-M74HC4078 Datasheet
208Kb / 8P
   8-INPUT NOR/OR GATE
logo
Texas Instruments
SN54HC4078A TI-SN54HC4078A Datasheet
76Kb / 4P
[Old version datasheet]   8-INPUT OR/NOR GATE
logo
STMicroelectronics
HCF4078B STMICROELECTRONICS-HCF4078B_02 Datasheet
121Kb / 7P
   8 INPUT NOR/OR GATE
logo
Toshiba Semiconductor
TC74HC4078AP TOSHIBA-TC74HC4078AP Datasheet
177Kb / 4P
   8-INPUT OR/NOR GATE
logo
STMicroelectronics
HCC4078B STMICROELECTRONICS-HCC4078B Datasheet
269Kb / 11P
   8-INPUT NOR/OR GATE
logo
Texas Instruments
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
[Old version datasheet]   CMOS 8-INPUT NOR/OR GATE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com