Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF3240AIDBVRG4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3240AIDBVRG4
Description  4ppm/C, 100UA, SOT23-6 SERIES VOLTAGE REFERENCE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3240AIDBVRG4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  REF3240AIDBVRG4 Datasheet HTML 1Page - Burr-Brown (TI) REF3240AIDBVRG4 Datasheet HTML 2Page - Burr-Brown (TI) REF3240AIDBVRG4 Datasheet HTML 3Page - Burr-Brown (TI) REF3240AIDBVRG4 Datasheet HTML 4Page - Burr-Brown (TI) REF3240AIDBVRG4 Datasheet HTML 5Page - Burr-Brown (TI) REF3240AIDBVRG4 Datasheet HTML 6Page - Burr-Brown (TI) REF3240AIDBVRG4 Datasheet HTML 7Page - Burr-Brown (TI) REF3240AIDBVRG4 Datasheet HTML 8Page - Burr-Brown (TI) REF3240AIDBVRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REF3212,REF3220
REF3225,REF3230
REF3233,REF3240
SBVS058B −JUNE 2005 − REVISED FEBRUARY 2006
www.ti.com
5
TYPICAL CHARACTERISTICS
At TA = +25°C, ILOAD = 0mA, VIN = +5V power supply, REF3225 is used for typical characteristics, unless otherwise noted.
TEMPERATURE DRIFT
(0
_Cto +125_C)
0.5
1.5
2.5
3.5
4.5
Drift (ppm/
_C)
7
6.5
6
5
4
3
2
15.5
TEMPERATURE DRIFT
(
−40_Cto +125_C)
12 3 4 5 678 9
Drift (ppm/
_C)
17 18 19 20
16
15
14
13
12
11
10
OUTPUT VOLTAGE ACCURACY
vs TEMPERATURE
0.12
0.08
0.04
0
−0.04
−0.08
−0.12
−50
−25
0
+25
+50
+75
+100
+125
Temperature (
_C)
DROPOUT VOLTAGE
vs LOAD CURRENT
160
140
120
100
80
60
40
20
0
−15
15
10
5
0
−5
−10
Load Current (mA)
−40_C
+25
_C
+125
_C
QUIESCENT CURRENT
vs TEMPERATURE
130
120
110
100
90
80
70
−50
−25
0
+25
+50
+75
+125
+100
Temperature (
_C)
POWER−SUPPLY REJECTION RATIO
vs FREQUENCY
100
90
80
70
60
50
40
30
20
10
1
10
100
1k
10k
100k
Frequency (Hz)


Similar Part No. - REF3240AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3240AIDBVR TI-REF3240AIDBVR Datasheet
263Kb / 14P
[Old version datasheet]   4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
More results

Similar Description - REF3240AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3212 TI-REF3212 Datasheet
263Kb / 14P
[Old version datasheet]   4ppm/C 100A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3125 BURR-BROWN-REF3125 Datasheet
250Kb / 11P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
REF3112 BURR-BROWN-REF3112 Datasheet
284Kb / 13P
   15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
logo
Texas Instruments
REF3212 TI-REF3212_13 Datasheet
902Kb / 20P
[Old version datasheet]   4ppm/째C, 100關A, SOT23-6 SERIES VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF2912 BURR-BROWN-REF2912 Datasheet
345Kb / 13P
   100ppm/C, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZXRE125 ZETEX-ZXRE125 Datasheet
140Kb / 4P
   SOT23 MICROPOWER 1.22V VOLTAGE REFERENCE
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
   SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Burr-Brown (TI)
REF3012 BURR-BROWN-REF3012 Datasheet
412Kb / 14P
   50ppm/C Max, 50UA in SOT23-3 CMOS VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com