Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4558PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # RC4558PW
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4558PW Datasheet(HTML) 5 Page - Texas Instruments

  RC4558PW Datasheet HTML 1Page - Texas Instruments RC4558PW Datasheet HTML 2Page - Texas Instruments RC4558PW Datasheet HTML 3Page - Texas Instruments RC4558PW Datasheet HTML 4Page - Texas Instruments RC4558PW Datasheet HTML 5Page - Texas Instruments RC4558PW Datasheet HTML 6Page - Texas Instruments RC4558PW Datasheet HTML 7Page - Texas Instruments RC4558PW Datasheet HTML 8Page - Texas Instruments RC4558PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
16
18
20
VCC – Supply Voltage – V
0
1
2
3
4
5
6
-55
-35
-15
5
25
45
65
85
105 125
TA – Temperature – °C
-20
-10
0
10
20
30
40
100
1000
10000
f – Frequency – kHz
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
Gain
Phase
-20
-10
0
10
20
30
40
100
1000
10000
f – Frequency – kHz
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
Gain
Phase
RC4558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
SLOS073E – MARCH 1976 – REVISED FEBRUARY 2006
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
TEMPERATURE
(TA = 25°C)
(VCC = ±15 V)
GAIN AND PHASE
GAIN AND PHASE
vs
vs
FREQUENCY
FREQUENCY
(VCC = ±15 V, RL = 2 kΩ, CL = 22 pF)
(VCC = ±15 V, RL = 10 kΩ, CL = 22 pF)
5
Submit Documentation Feedback


Similar Part No. - RC4558PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558PW TI-RC4558PW Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558PW TI-RC4558PW Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558PW TI1-RC4558PW Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
RC4558PWE4 TI-RC4558PWE4 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558PWG4 TI-RC4558PWG4 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results

Similar Description - RC4558PW

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
   Dual General Purpose Operational Amplifier
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
RC4558 TI-RC4558_10 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
   Dual General Purpose Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com