Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9557DB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9557DB
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9557DB Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9557DB Datasheet HTML 3Page - Texas Instruments PCA9557DB Datasheet HTML 4Page - Texas Instruments PCA9557DB Datasheet HTML 5Page - Texas Instruments PCA9557DB Datasheet HTML 6Page - Texas Instruments PCA9557DB Datasheet HTML 7Page - Texas Instruments PCA9557DB Datasheet HTML 8Page - Texas Instruments PCA9557DB Datasheet HTML 9Page - Texas Instruments PCA9557DB Datasheet HTML 10Page - Texas Instruments PCA9557DB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Device Address
0
Slave Address
0
1
1 A2 A1 A0 R/W
Fixed
Programmable
Control Register and Command Byte
0
0
0
0
B1
B0
0
0
PCA9557
www.ti.com.................................................................................................................................................... SCPS133I – DECEMBER 2005 – REVISED JUNE 2008
The address of the PCA9557 is shown in Figure 4.
Figure 4. PCA9557 Address
Address Reference
INPUTS
I2C BUS SLAVE ADDRESS
A2
A1
A0
L
L
L
24 (decimal), 18 (hexadecimal)
L
L
H
25 (decimal), 19 (hexadecimal)
L
H
L
26 (decimal), 1A (hexadecimal)
L
H
H
27 (decimal), 1B (hexadecimal)
H
L
L
28 (decimal), 1C (hexadecimal)
H
L
H
29 (decimal), 1D (hexadecimal)
H
H
L
30 (decimal), 1E (hexadecimal)
H
H
H
31 (decimal), 1F (hexadecimal)
The last bit of the slave address defines the operation (read or write) to be performed. A high (1) selects a read
operation, while a low (0) selects a write operation.
Following the successful acknowledgment of the address byte, the bus master sends a command byte that is
stored in the control register in the PCA9557. Two bits of this data byte state the operation (read or write) and
the internal registers (input, output, polarity inversion or configuration) that will be affected. This register can be
written or read through the I2C bus. The command byte is sent only during a write transmission.
Once a new command byte has been sent, the register that was addressed continues to be accessed by reads
until a new command byte has been sent.
Figure 5. Control Register Bits
Command Byte
CONTROL REGISTER BITS
COMMAND BYTE
POWER-UP
REGISTER
PROTOCOL
(HEX)
DEFAULT
B1
B0
0
0
0x00
Input Port
Read byte
xxxx xxxx
0
1
0x01
Output Port
Read/write byte
0000 0000
1
0
0x02
Polarity Inversion
Read/write byte
1111 0000
1
1
0x03
Configuration
Read/write byte
1111 1111
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PCA9557


Similar Part No. - PCA9557DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557DB TI-PCA9557DB Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557DBG4 TI-PCA9557DBG4 Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557DBR TI-PCA9557DBR Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9557DBRG4 TI-PCA9557DBRG4 Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9557DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9557 TI-PCA9557 Datasheet
1Mb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH RESET AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9536 TI-PCA9536 Datasheet
475Kb / 25P
[Old version datasheet]   REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com