Electronic Components Datasheet Search |
|
PCA9546ADGVR Datasheet(PDF) 1 Page - Texas Instruments |
|
|
PCA9546ADGVR Datasheet(HTML) 1 Page - Texas Instruments |
1 / 28 page www.ti.com FEATURES DESCRIPTION/ORDERING INFORMATION PCA9546A 4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION SCPS148D – OCTOBER 2005 – REVISED OCTOBER 2006 • 1-of-4 Bidirectional Translating Switches • Supports Hot Insertion • I2C Bus and SMBus Compatible • Low Standby Current • Active-Low Reset Input • Operating Power-Supply Voltage Range of 2.3 V to 5.5 V • Three Address Pins, Allowing up to Eight Devices on the I2C Bus • 5.5-V Tolerant Inputs • Channel Selection Via I2C Bus • 0 to 400-kHz Clock Frequency • Power Up With All Switch Channels • Latch-Up Performance Exceeds 100 mA Per Deselected JESD 78 • Low R ON Switches • ESD Protection Exceeds JESD 22 • Allows Voltage-Level Translation Between – 2000-V Human-Body Model (A114-A) 1.8-V, 2.5-V, 3.3-V, and 5-V Buses – 200-V Machine Model (A115-A) • No Glitch on Power Up – 1000-V Charged-Device Model (C101) The PCA9546A is a quad bidirectional translating switch controlled via the I2C bus. The SCL/SDA upstream pair fans out to four downstream pairs, or channels. Any individual SCn/SDn channel or combination of channels can be selected, determined by the contents of the programmable control register. An active-low reset (RESET) input allows the PCA9546A to recover from a situation in which one of the downstream I2C buses is stuck in a low state. Pulling RESET low resets the I2C state machine and causes all the channels to be deselected, as does the internal power-on reset function. ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING QFN – RGV Reel of 2500 PCA9546ARVR PREVIEW QFN – RGY Reel of 1000 PCA9546ARGYR PD546A PCA9546AD Tube of 40 PCA9546ADG4 PCA9546ADR SOIC – D Reel of 2500 PCA9546A PCA9546ADRG4 PCA9546ADT Reel of 250 PCA9546ADTG4 Tube of 40 PCA9546ADW PCA9546A –40 °C to 85°C SOIC – DW Reel of 2000 PCA9546ADWR Reel of 250 PCA9546ADWT PREVIEW PCA9546APW Tube of 90 PCA9546APWE4 PCA9546APWR TSSOP – PW Reel of 2000 PD546A PCA9546APWRE4 PCA9546APWT Reel of 250 PCA9546APWTE4 Reel of 2000 PCA9546ADGVR PD546A TVSOP – DGV Reel of 250 PCA9546ADGVT PREVIEW (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2005–2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - PCA9546ADGVR |
|
Similar Description - PCA9546ADGVR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |