Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGB-2233Z Datasheet(PDF) 3 Page - SIRENZA MICRODEVICES

Part # SGB-2233Z
Description  DC - 4.5 GHz Active Bias Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGB-2233Z Datasheet(HTML) 3 Page - SIRENZA MICRODEVICES

  SGB-2233Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SGB-2233Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SGB-2233Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SGB-2233Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SGB-2233Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SGB-2233Z Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
3
EDS-103079 Rev G
Preliminary Data Sheet
SGB-2233 DC-4.5GHz Active Bias Gain Block
Evaluation Board Data (Vcc=VBIAS = 3.0V, Ic = 25mA) Bias Tee substituted for DC feed inductor (L1)
OIP3 vs. Frequency
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
0.4
0.9
1.4
1.9
2.4
Frequency (GHz)
+25c
+85c
0c
-20c
-40c
Noise Figure vs. Frequency
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
+25c
+85c
-40c
Ic vs. Tem perature
0.0150
0.0170
0.0190
0.0210
0.0230
0.0250
0.0270
0.0290
0.0310
+85c
+25c0c
-20c
-40c
Tem perature
Current vs. Voltage
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
0.040
0.045
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
Vc (Volts)
P1dB vs. Frequency
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0.4
0.9
1.4
1.9
2.4
Frequency (GHz)
+25c
+85c
0c
-20c
-40c
Gain vs Frequency
10.0
11.0
12.0
13.0
14.0
15.0
16.0
0.4
0.9
1.4
1.9
2.4
Frequency (GHz)
+25c
+85c
-40C


Similar Part No. - SGB-2233Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGB-2233Z RFMD-SGB-2233Z Datasheet
206Kb / 8P
   DC to 4.5GHZ ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
More results

Similar Description - SGB-2233Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGB-2433 SIRENZA-SGB-2433 Datasheet
128Kb / 6P
   DC - 4 GHz Active Bias Gain Block
logo
List of Unclassifed Man...
SGB-6433 ETC1-SGB-6433 Datasheet
136Kb / 6P
   DC-3.5 GHz Active Bias Gain Block
SGB-4533 ETC-SGB-4533 Datasheet
197Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
SIRENZA MICRODEVICES
SGB-4333 SIRENZA-SGB-4333 Datasheet
123Kb / 6P
   DC - 3 GHz Active Bias Gain Block
SGB-6533 SIRENZA-SGB-6533 Datasheet
139Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
Stanford Microdevices
SGB-2433 STANFORD-SGB-2433 Datasheet
197Kb / 6P
   DC - 4 GHz Active Bias Gain Block
logo
SIRENZA MICRODEVICES
SGB-4533 SIRENZA-SGB-4533 Datasheet
127Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
List of Unclassifed Man...
SGB-4333 ETC1-SGB-4333 Datasheet
135Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
SIRENZA MICRODEVICES
SGB-6433 SIRENZA-SGB-6433 Datasheet
127Kb / 6P
   DC-3.5 GHz Active Bias Gain Block
SGB-6533 SIRENZA-SGB-6533_1 Datasheet
126Kb / 6P
   DC-3 GHz Active Bias Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com