Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGB-2233 Datasheet(PDF) 6 Page - SIRENZA MICRODEVICES

Part # SGB-2233
Description  DC - 4.5 GHz Active Bias Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SGB-2233 Datasheet(HTML) 6 Page - SIRENZA MICRODEVICES

  SGB-2233 Datasheet HTML 1Page - SIRENZA MICRODEVICES SGB-2233 Datasheet HTML 2Page - SIRENZA MICRODEVICES SGB-2233 Datasheet HTML 3Page - SIRENZA MICRODEVICES SGB-2233 Datasheet HTML 4Page - SIRENZA MICRODEVICES SGB-2233 Datasheet HTML 5Page - SIRENZA MICRODEVICES SGB-2233 Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
6
EDS-103079 Rev G
Preliminary Data Sheet
SGB-2233 DC-4.5GHz Active Bias Gain Block
Package Outline Drawing (Dimensions in mm)
Part Number Ordering Information
Part Number
Reel Size
Devices/Reel
SGB-2233
13”
3000
SGB-2233Z
13”
3000
Part Marking
The part will be symbolized with an “SGB-2233” for
Sn/Pb plating or “SGB-22Z” for RoHS green compliant
product. Marking designator will be on the top surface
of the package.
1.20 [0.047]
0.50 [0.020]
0.25 [0.010]
1.20 [0.047]
0.46 [0.018]
0.53 [0.021]
3.17 [0.125]
Recommended Land Pattern (dimensions in mm[in].):
Recommended PCB Soldermask (SMOBC)
for Land Pattern(dimensions in mm[in]):
1.58 [0.062]
0.50 [0.020]
0.26 [0.010]
0.38 [0.015]
0.29 [0.011]
0.21 [0.008]
1.58 [0.062]
0.75 [0.030]
Ø0.38 [Ø0.015]
0.005 CHAMFER
(8PL)
Plated Thru (4PL)


Similar Part No. - SGB-2233

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGB-2233 ETC-SGB-2233 Datasheet
194Kb / 6P
   DC-4.5GHz Active Bias Gain Block
logo
RF Micro Devices
SGB-2233 RFMD-SGB-2233 Datasheet
206Kb / 8P
   DC to 4.5GHZ ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
SGB-2233Z RFMD-SGB-2233Z Datasheet
206Kb / 8P
   DC to 4.5GHZ ACTIVE BIAS GAIN BLOCK High Reliability SiGe HBT Technology
More results

Similar Description - SGB-2233

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGB-2433 SIRENZA-SGB-2433 Datasheet
128Kb / 6P
   DC - 4 GHz Active Bias Gain Block
logo
List of Unclassifed Man...
SGB-6433 ETC1-SGB-6433 Datasheet
136Kb / 6P
   DC-3.5 GHz Active Bias Gain Block
SGB-4533 ETC-SGB-4533 Datasheet
197Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
SIRENZA MICRODEVICES
SGB-4333 SIRENZA-SGB-4333 Datasheet
123Kb / 6P
   DC - 3 GHz Active Bias Gain Block
SGB-6533 SIRENZA-SGB-6533 Datasheet
139Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
Stanford Microdevices
SGB-2433 STANFORD-SGB-2433 Datasheet
197Kb / 6P
   DC - 4 GHz Active Bias Gain Block
logo
SIRENZA MICRODEVICES
SGB-4533 SIRENZA-SGB-4533 Datasheet
127Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
List of Unclassifed Man...
SGB-4333 ETC1-SGB-4333 Datasheet
135Kb / 6P
   DC - 3 GHz Active Bias Gain Block
logo
SIRENZA MICRODEVICES
SGB-6433 SIRENZA-SGB-6433 Datasheet
127Kb / 6P
   DC-3.5 GHz Active Bias Gain Block
SGB-6533 SIRENZA-SGB-6533_1 Datasheet
126Kb / 6P
   DC-3 GHz Active Bias Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com