Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX810Z Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MAX810Z
Description  3-pin microprocessor resets
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX810Z Datasheet(HTML) 5 Page - NXP Semiconductors

  MAX810Z Datasheet HTML 1Page - NXP Semiconductors MAX810Z Datasheet HTML 2Page - NXP Semiconductors MAX810Z Datasheet HTML 3Page - NXP Semiconductors MAX810Z Datasheet HTML 4Page - NXP Semiconductors MAX810Z Datasheet HTML 5Page - NXP Semiconductors MAX810Z Datasheet HTML 6Page - NXP Semiconductors MAX810Z Datasheet HTML 7Page - NXP Semiconductors MAX810Z Datasheet HTML 8Page - NXP Semiconductors MAX810Z Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product data
MAX809/MAX810
3-pin microprocessor resets
2003 Aug 08
5
ELECTRICAL CHARACTERISTICS
VCC = full range (Tamb = –40 °C to +105 °C) unless otherwise noted; typical values are at Tamb = +25 °C, and VCC = 5 V (J/L/M versions),
VCC = 3.3 V (T/S versions), VCC = 3 V (R version), and VCC = 2.5 V (Z version) (Note 1).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC range
Tamb = 0 °C to +70 °C
1.0
5.5
V
Tamb = –40 °C to +105 °C
1.2
5.5
V
ICC
Supply current (SOT23-3)
MAX809J/L/M
MAX810J/L/M
VCC < 5.5 V;
Tamb = –40 °C to +85 °C
24
60
µA
MAX809R/S/T/Z
MAX810R/S/T/Z
VCC < 3.6 V;
Tamb = –40 °C to +85 °C
17
50
µA
MAX809J/L/M
MAX810J/L/M
VCC < 5.5 V;
Tamb = +85 °C to +105 °C
100
µA
MAX809R/S/T/Z
MAX810R/S/T/Z
VCC < 3.6 V;
Tamb = +85 °C to +105 °C
100
µA
ICC
Supply current (SC70-3)
MAX809J/L/M
MAX810J/L/M
VCC < 5.5 V;
Tamb = –40 °C to +85 °C
24
35
µA
MAX809R/S/T/Z
MAX810R/S/T/Z
VCC < 3.6 V;
Tamb = –40 °C to +85 °C
17
30
µA
MAX809J/L/M
MAX810J/L/M
VCC < 5.5 V;
Tamb = +85 °C to +105 °C
60
µA
MAX809R/S/T/Z
MAX810R/S/T/Z
VCC < 3.6 V;
Tamb = +85 °C to +105 °C
60
µA
Vth
RESET threshold voltage
(SOT23 3
d SC70 3)
MAX809Z
MAX810Z
Tamb = +25 °C
2.28
2.32
2.35
V
(SOT23-3 and SC70-3)
MAX810Z
Tamb = –40 °C to +85 °C
2.25
2.38
V
Tamb = +85 °C to +105 °C
2.22
2.42
V
MAX809R
MAX810R
Tamb = +25 °C
2.59
2.63
2.66
V
MAX810R
Tamb = –40 °C to +85 °C
2.55
2.70
V
Tamb = +85 °C to +105 °C
2.50
2.76
V
MAX809S
MAX810S
Tamb = +25 °C
2.89
2.93
2.96
V
MAX810S
Tamb = –40 °C to +85 °C
2.85
3.00
V
Tamb = +85 °C to +105 °C
2.78
3.08
V
MAX809T
MAX810T
Tamb = +25 °C
3.04
3.08
3.11
V
MAX810T
Tamb = –40 °C to +85 °C
3.00
3.15
V
Tamb = +85 °C to +105 °C
2.92
3.23
V
MAX809J
MAX810J
Tamb = +25 °C
3.93
4.00
4.06
V
MAX810J
Tamb = –40 °C to +85 °C
3.89
4.10
V
Tamb = +85 °C to +105 °C
3.80
4.20
V
MAX809M
MAX810M
Tamb = +25 °C
4.31
4.38
4.45
V
MAX810M
Tamb = –40 °C to +85 °C
4.25
4.50
V
Tamb = +85 °C to +105 °C
4.16
4.56
V
MAX809L
MAX810L
Tamb = +25 °C
4.56
4.63
4.70
V
MAX810L
Tamb = –40 °C to +85 °C
4.50
4.75
V
Tamb = +85 °C to +105 °C
4.40
4.86
V
Reset threshold temperature
coefficient
30
ppm/
°C
VCC to RESET delay
VCC = Vth to (Vth – 100 mV)
20
µs
RESET active time-out period
(SOT23 3)
Tamb = –40 °C to +85 °C
140
240
560
ms
(SOT23-3)
Tamb = +85 °C to +105 °C
100
840
ms
RESET active time-out period
(SC70 3)
Tamb = –40 °C to +85 °C
140
240
460
ms
(SC70-3)
Tamb = +85 °C to +105 °C
100
840
ms


Similar Part No. - MAX810Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX810Z MAXIM-MAX810Z Datasheet
136Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 4; 12/99
MAX810Z MAXIM-MAX810Z Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
MAX810Z MAXIM-MAX810Z Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX810Z MAXIM-MAX810Z Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
MAX810Z MAXIM-MAX810Z Datasheet
167Kb / 8P
   MAX803/MAX809/MAX810 3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
More results

Similar Description - MAX810Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
YOBON TECHNOLOGIES,INC.
YB1921 YOBON-YB1921 Datasheet
149Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com