Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9538PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9538PWR
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9538PWR Datasheet(HTML) 2 Page - Texas Instruments

  PCA9538PWR Datasheet HTML 1Page - Texas Instruments PCA9538PWR Datasheet HTML 2Page - Texas Instruments PCA9538PWR Datasheet HTML 3Page - Texas Instruments PCA9538PWR Datasheet HTML 4Page - Texas Instruments PCA9538PWR Datasheet HTML 5Page - Texas Instruments PCA9538PWR Datasheet HTML 6Page - Texas Instruments PCA9538PWR Datasheet HTML 7Page - Texas Instruments PCA9538PWR Datasheet HTML 8Page - Texas Instruments PCA9538PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
PCA9538
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS126D – SEPTEMBER 2006 – REVISED MARCH 2007
Two hardware pins (A0 and A1) are used to program and vary the fixed I2C address and allow up to four
devices to share the same I2C bus or SMBus.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGT
Reel of 3000
PCA9538RGTR
PREVIEW
QFN – RGV
Reel of 2500
PCA9538RGVR
PREVIEW
QSOP – DBQ
Reel of 2500
PCA9538DBQR
PD538
Tube of 40
PCA9538DW
SOIC – DW
PCA9538
Reel of 2000
PCA9538DWR
–40
°C to 85°C
Reel of 2000
PCA9538DBR
SSOP – DB
PD538
Tube of 80
PCA9538DB
Tube of 90
PCA9538PW
TSSOP – PW
PD538
Reel of 2000
PCA9538PWR
TVSOP – DGV
Reel of 2000
PCA9538DGVR
PD538
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
TERMINAL FUNCTIONS
NO.
QSOP (DBQ),
NAME
DESCRIPTION
SSOP (DB),
QFN (RGT) OR
TSSOP (PW), OR
QFN (RGV)
TVSOP (DGV)
1
15
A0
Address input. Connect directly to VCC or ground.
2
16
A1
Address input. Connect directly to VCC or ground.
Active-low reset input. Connect to VCC through a pullup resistor if no active
3
1
RESET
connection is used.
4
2
P0
P-port input/output. Push-pull design structure.
5
3
P1
P-port input/output. Push-pull design structure.
6
4
P2
P-port input/output. Push-pull design structure.
7
5
P3
P-port input/output. Push-pull design structure.
8
6
GND
Ground
9
7
P4
P-port input/output. Push-pull design structure.
10
8
P5
P-port input/output. Push-pull design structure.
11
9
P6
P-port input/output. Push-pull design structure.
12
10
P7
P-port input/output. Push-pull design structure.
13
11
INT
Interrupt output. Connect to VCC through a pullup resistor.
14
12
SCL
Serial clock bus. Connect to VCC through a pullup resistor.
15
13
SDA
Serial data bus. Connect to VCC through a pullup resistor.
16
14
VCC
Supply voltage
2
Submit Documentation Feedback


Similar Part No. - PCA9538PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9538PWR TI-PCA9538PWR Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538PWRG4 TI-PCA9538PWRG4 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - PCA9538PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com