Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9536DGKRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9536DGKRG4
Description  REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9536DGKRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCA9536DGKRG4 Datasheet HTML 7Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 8Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 9Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 10Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 11Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 12Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 13Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 14Page - Texas Instruments PCA9536DGKRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
Electrical Characteristics
PCA9536
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER
WITH CONFIGURATION REGISTERS
SCPS125C – APRIL 2006 – REVISED NOVEMBER 2006
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
2.3 V to 5.5 V
–1.2
V
VPOR
Power-on reset voltage
VI = VCC or GND, IO = 0
VPOR
1.5
1.65
V
2.3 V
1.8
3 V
2.6
IOH = –8 mA
4.5 V
4.1
4.75 V
4.1
P-port high-level
VOH
V
output voltage(2)
2.3 V
1.7
3 V
2.5
IOH = –10 mA
4.5 V
4
4.75 V
4
SDA
VOL = 0.4 V
2.3 V to 5.5 V
3
10
2.3 V
8
10
3 V
8
14
VOL = 0.5 V
4.5 V
8
17
IOL
4.75 V
8
32
mA
P-port(3)
2.3 V
10
13
3 V
10
19
VOL = 0.7 V
4.5 V
10
24
4.75 V
10
44
II
SCL, SDA
VI = VCC or GND
2.3 V to 5.5 V
±1
µA
IIH
P-port
VI = VCC
2.3 V to 5.5 V
1
µA
IIL
P-port
VI = GND
2.3 V to 5.5 V
–100
µA
5.5 V
73
150
VI = VCC, IO = 0,
3.6 V
9
50
I/O = inputs, fscl = 400 kHz
2.7 V
7
30
Operating mode
5.5 V
14
25
VI = VCC, IO = 0,
3.6 V
9
20
I/O = inputs, fscl = 100 kHz
2.7 V
6
15
ICC
µA
5.5 V
225
350
VI = GND, IO = 0,
3.6 V
175
250
I/O = inputs, fscl = 0 kHz
2.7 V
125
200
Standby mode
5.5 V
0.25
1
VI = VCC, IO = 0,
3.6 V
0.2
0.9
I/O = inputs, fscl = 0 kHz
2.7 V
0.1
0.8
One input at VCC – 0.6 V,
2.3 V to 5.5 V
0.35
Other inputs at VCC or GND
Additional current in
∆I
CC
mA
standby mode
Every LED I/O at VI = 4.3 V,
5.5 V
0.4
fscl = 0 kHz
CI
SCL
VI = VCC or GND
2.3 V to 5.5 V
4
5
pF
SDA
5
6.5
Cio
VIO = VCC or GND
2.3 V to 5.5 V
pF
P-port
7.5
9.5
(1)
All typical values are at nominal supply voltage (2.5-V, 3.3-V, or 5-V VCC) and TA = 25°C.
(2)
The total current sourced by all I/Os must be limited to 85 mA.
(3)
Each I/O must be limited externally to a maximum of 25 mA, and the P-port (P3–P0) must be limited to a maximum current of 100 mA.
11
Submit Documentation Feedback


Similar Part No. - PCA9536DGKRG4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536D PHILIPS-PCA9536D Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536D NXP-PCA9536D Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
PCA9536D PHILIPS-PCA9536D Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
PCA9536DP PHILIPS-PCA9536DP Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536DP NXP-PCA9536DP Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
More results

Similar Description - PCA9536DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9536 TI-TCA9536 Datasheet
1Mb / 34P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
SCPS275 ??JULY 2021
TCA9536 TI-TCA9536_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9536 TI1-TCA9536_V03 Datasheet
1Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
REVISED DECEMBER 2021
TCA9537 TI-TCA9537 Datasheet
2Mb / 36P
[Old version datasheet]   TCA9537 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
FEBRUARY 2022
TCA9536 TI-TCA9536_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com