Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9545A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9545A
Description  4-CHANNEL I2C AND SMBus SWITCH WITH INTERRUPT LOGIC AND RESET FUNCTIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9545A Datasheet(HTML) 1 Page - Texas Instruments

  PCA9545A Datasheet HTML 1Page - Texas Instruments PCA9545A Datasheet HTML 2Page - Texas Instruments PCA9545A Datasheet HTML 3Page - Texas Instruments PCA9545A Datasheet HTML 4Page - Texas Instruments PCA9545A Datasheet HTML 5Page - Texas Instruments PCA9545A Datasheet HTML 6Page - Texas Instruments PCA9545A Datasheet HTML 7Page - Texas Instruments PCA9545A Datasheet HTML 8Page - Texas Instruments PCA9545A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
RGY PACKAGE
(TOP VIEW)
2
A1
19
SDA
3
RESET
18
SCL
4
INT0
17
INT
5
SD0
16
SC3
6
SC0
15
SD3
7
INT1
14
INT3
8
SD1
13
SC2
9
SC1
12
SD2
1
10
20
11
20
6
8 9 10
1
2
3
4
5
15
14
13
12
11
19
RESET
INT0
SD0
SC0
INT1
INT
SC3
SD3
INT3
SC2
RGW PACKAGE
(TOP VIEW)
18 17 16
7
DGV, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A0
A1
RESET
INT0
SD0
SC0
INT1
SD1
SC1
GND
V
CC
SDA
SCL
INT
SC3
SD3
INT3
SC2
SD2
INT2
DESCRIPTION/ORDERING INFORMATION
PCA9545A
4-CHANNEL I2C AND SMBus SWITCH
WITH INTERRUPT LOGIC AND RESET FUNCTIONS
SCPS147C – OCTOBER 2005 – REVISED OCTOBER 2006
1-of-4 Bidirectional Translating Switches
No Glitch on Power Up
I2C Bus and SMBus Compatible
Supports Hot Insertion
Four Active-Low Interrupt Inputs
Low Standby Current
Active-Low Interrupt Output
Operating Power-Supply Voltage Range of
2.3 V to 5.5 V
Active-Low Reset Input
5.5-V Tolerant Inputs
Two Address Pins, Allowing up to Four
Devices on the I2C Bus
0 to 400-kHz Clock Frequency
Channel Selection Via I2C Bus, In Any
Latch-Up Performance Exceeds 100 mA Per
Combination
JESD 78
Power Up With All Switch Channels
ESD Protection Exceeds JESD 22
Deselected
– 2000-V Human-Body Model (A114-A)
Low R
ON Switches
– 200-V Machine Model (A115-A)
Allows Voltage-Level Translation Between
– 1000-V Charged-Device Model (C101)
1.8-V, 2.5-V, 3.3-V, and 5-V Buses
The PCA9545A is a quad bidirectional translating switch controlled via the I2C bus. The SCL/SDA upstream pair
fans out to four downstream pairs, or channels. Any individual SCn/SDn channel or combination of channels can
be selected, determined by the contents of the programmable control register. Four interrupt inputs (INT3–INT0),
one for each of the downstream pairs, are provided. One interrupt (INT) output acts as an AND of the four
interrupt inputs.
An active-low reset (RESET) input allows the PCA9545A to recover from a situation in which one of the
downstream I2C buses is stuck in a low state. Pulling RESET low resets the I2C state machine and causes all
the channels to be deselected, as does the internal power-on reset function.
The pass gates of the switches are constructed such that the VCC pin can be used to limit the maximum high
voltage, which will be passed by the PCA9545A. This allows the use of different bus voltages on each pair, so
that 1.8-V, 2.5-V, or 3.3-V parts can communicate with 5-V parts, without any additional protection. External
pullup resistors pull the bus up to the desired voltage level for each channel. All I/O pins are 5.5-V tolerant.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9545A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9545A PHILIPS-PCA9545A Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545A NXP-PCA9545A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9545A TI1-PCA9545A Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
More results

Similar Description - PCA9545A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9545A TI1-TCA9545A Datasheet
914Kb / 30P
[Old version datasheet]   Low Voltage 4-channel I2C and SMbus Switch With Interrupt Logic and Reset Functions
logo
NXP Semiconductors
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
   4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
   4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Texas Instruments
PCA9545A TI1-PCA9545A_16 Datasheet
1Mb / 37P
[Old version datasheet]   Interrupt Logic and Reset Functions
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9543 PHILIPS-PCA9543 Datasheet
120Kb / 15P
   2-channel I2C switch with interrupt logic and reset
2004 Oct 01
PCA9543A NXP-PCA9543A Datasheet
131Kb / 23P
   2-channel I2C-bus switch with interrupt logic and reset
Rev. 05-17 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com