Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9534PWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534PWR
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534PWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCA9534PWR Datasheet HTML 7Page - Texas Instruments PCA9534PWR Datasheet HTML 8Page - Texas Instruments PCA9534PWR Datasheet HTML 9Page - Texas Instruments PCA9534PWR Datasheet HTML 10Page - Texas Instruments PCA9534PWR Datasheet HTML 11Page - Texas Instruments PCA9534PWR Datasheet HTML 12Page - Texas Instruments PCA9534PWR Datasheet HTML 13Page - Texas Instruments PCA9534PWR Datasheet HTML 14Page - Texas Instruments PCA9534PWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
Electrical Characteristics
PCA9534
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS124B – SEPTEMBER 2006 – REVISED FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
VIK
Input diode clamp voltage
II = –18 mA
2.3 V to 5.5 V
–1.2
V
VPOR
Power-on reset voltage
VI = VCC or GND, IO = 0
VPOR
1.5
1.65
V
2.3 V
1.8
3 V
2.6
IOH = –8 mA
4.5 V
4.1
4.75 V
4.1
VOH
P-port high-level output voltage(2)
V
2.3 V
1.7
3 V
2.5
IOH = –10 mA
4.5 V
4
4.75 V
4
SDA
VOL = 0.4 V
2.3 V to 5.5 V
3
8
2.3 V
8
10
3 V
8
14
VOL = 0.5 V
4.5 V
8
17
4.75 V
8
35
IOL
P port(3)
mA
2.3 V
10
13
3 V
10
19
VOL = 0.7 V
4.5 V
10
24
4.75 V
10
45
INT
VOL = 0.4 V
2.3 V to 5.5 V
3
10
SCL, SDA
±1
II
VI = VCC or GND
2.3 V to 5.5 V
µA
A0, A1, A2
±1
IIH
P port
VI = VCC
2.3 V to 5.5 V
1
µA
IIL
P port
VI = GND
2.3 V to 5.5 V
–1
µA
5.5 V
104
175
VI = VCC or GND, IO = 0,
3.6 V
50
90
I/O = inputs, fscl = 400 kHz
2.7 V
20
65
Operating mode
5.5 V
60
150
VI = VCC or GND, IO = 0,
ICC
3.6 V
15
40
µA
I/O = inputs, fscl = 100 kHz
2.7 V
8
20
5.5 V
0.25
1
VI = GND, IO = 0,
Standby mode
3.6 V
0.2
0.9
I/O = inputs, fscl = 0 kHz
2.7 V
0.1
0.8
One input at VCC – 0.6 V,
2.3 V to 5.5 V
1.5
Other inputs at VCC or GND
Additional current in standby
∆I
CC
mA
mode
All LED I/Os at VI = 4.3 V,
5.5 V
1
fscl = 0 kHz
Ci
SCL
VI = VCC or GND
2.3 V to 5.5 V
4
5
pF
SDA
5.5
6.5
Cio
VIO = VCC or GND
2.3 V to 5.5 V
pF
P port
8
9.5
(1)
All typical values are at nominal supply voltage (2.5-V, 3.3-V, or 5-V VCC) and TA = 25°C.
(2)
The total current sourced by all I/Os must be limited to 85 mA.
(3)
Each I/O must be externally limited to a maximum of 25 mA, and the P port (P7–P0) must be limited to a maximum current of 200 mA.
11
Submit Documentation Feedback


Similar Part No. - PCA9534PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9534PWR TI1-PCA9534PWR Datasheet
1Mb / 40P
[Old version datasheet]   Interrupt Output and Configuration Registers
PCA9534PWRG4 TI1-PCA9534PWRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Interrupt Output and Configuration Registers
More results

Similar Description - PCA9534PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA6107 TI-PCA6107 Datasheet
306Kb / 24P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538_1 Datasheet
626Kb / 31P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com