Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP603T Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP603T
Description  2.7V to 5.5V Single-Supply CMOS Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP603T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP603T Datasheet HTML 4Page - Microchip Technology MCP603T Datasheet HTML 5Page - Microchip Technology MCP603T Datasheet HTML 6Page - Microchip Technology MCP603T Datasheet HTML 7Page - Microchip Technology MCP603T Datasheet HTML 8Page - Microchip Technology MCP603T Datasheet HTML 9Page - Microchip Technology MCP603T Datasheet HTML 10Page - Microchip Technology MCP603T Datasheet HTML 11Page - Microchip Technology MCP603T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP601/2/3/4
DS21314F-page 8
 2004 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.7V to +5.5V, VSS = GND, VCM = VDD/2,
RL = 100 kΩ to VDD/2, VOUT ≈ VDD/2 and CL = 50 pF.
FIGURE 2-19:
Gain Bandwidth Product,
Phase Margin vs. Load Resistance.
FIGURE 2-20:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-21:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-22:
DC Open-Loop Gain vs.
Temperature.
FIGURE 2-23:
Output Voltage Headroom
vs. Temperature.
FIGURE 2-24:
Output Short-Circuit Current
vs. Supply Voltage.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.E+02
1.E+03
1.E+04
1.E+05
Load Resistance (
Ω)
30
40
50
60
70
80
90
100
100
10k
1k
100k
VDD =5.0V
GBWP
PM, G = +1
1
10
100
1,000
0.01
0.1
1
10
Output Current Magnitude (mA)
VDD-VOH
VOL-VSS
0.1
1
10
1.E+04
1.E+05
1.E+06
1.E+07
Frequency (Hz)
10k
1M
100k
10M
VDD = 5.0V
80
90
100
110
120
130
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD =5.5V, RL =5 kΩ
VDD =2.7V, RL =25 kΩ
VDD =2.7V, RL =5 kΩ
VDD =5.5V, RL =25 kΩ
1
10
100
1000
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD -VOH,RL =5 kΩ
VOL -VSS,RL =5 kΩ
VDD -VOH,RL =25 kΩ
VOL -VSS,RL =25 kΩ
VDD =5.5V
RL tiedtoVDD/2
0
5
10
15
20
25
30
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Supply Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C


Similar Part No. - MCP603T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP603T MICROCHIP-MCP603T Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP603T MICROCHIP-MCP603T Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP603T-E/ST MICROCHIP-MCP603T-E/ST Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP603T-ECH MICROCHIP-MCP603T-ECH Datasheet
611Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP603T-EOT MICROCHIP-MCP603T-EOT Datasheet
611Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
2007
More results

Similar Description - MCP603T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601 Datasheet
448Kb / 20P
   2.7V to 5.5V Single Supply CMOS Op Amps
2007
MCP601 MICROCHIP-MCP601_07 Datasheet
611Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP601T-E MICROCHIP-MCP601T-E Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602I-P MICROCHIP-MCP602I-P Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
2007
MCP602-E MICROCHIP-MCP602-E Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP604T-I MICROCHIP-MCP604T-I Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP602T-I MICROCHIP-MCP602T-I Datasheet
612Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
MCP604-I MICROCHIP-MCP604-I Datasheet
497Kb / 34P
   2.7V to 6.0V Single Supply CMOS Op Amps
10/05/07
logo
Maxim Integrated Produc...
MAX2622EVKIT MAXIM-MAX2622EVKIT Datasheet
178Kb / 2P
   2.7V to 5.5V Single-Supply Operation
Rev 1; 5/00
MAX4001EVKIT MAXIM-MAX4001EVKIT Datasheet
156Kb / 5P
   2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com