Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9536D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9536D
Description  REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9536D Datasheet(HTML) 1 Page - Texas Instruments

  PCA9536D Datasheet HTML 1Page - Texas Instruments PCA9536D Datasheet HTML 2Page - Texas Instruments PCA9536D Datasheet HTML 3Page - Texas Instruments PCA9536D Datasheet HTML 4Page - Texas Instruments PCA9536D Datasheet HTML 5Page - Texas Instruments PCA9536D Datasheet HTML 6Page - Texas Instruments PCA9536D Datasheet HTML 7Page - Texas Instruments PCA9536D Datasheet HTML 8Page - Texas Instruments PCA9536D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
4
5
GND
P3
3
P2
SCL
6
2
SDA
P1
7
1
P0
V
CC
8
DGK PACKAGE
(TOP VIEW)
GND
P3
5
4
SCL
P2
3 6
P1
2
SDA
7
V
CC
8
1
P0
YZP PACKAGE
(BOTTOM VIEW)
V
CC
IO0
IO3
GND
IO2
SCL
SDA
IO1
DCU PACKAGE
(TOP VIEW)
8
1
5
4
3
6
2
7
See mechanical drawings for dimensions.
4
5
GND
P3
3
P2
SCL
6
2
SDA
P1
7
1
P0
V
CC
8
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
PCA9536
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER
WITH CONFIGURATION REGISTERS
SCPS125C – APRIL 2006 – REVISED NOVEMBER 2006
• Available in the Texas Instruments
• No Glitch on Power Up
NanoFree™ Package
• Power-Up With All Channels Configured as
• Low Standby Current Consumption of
Inputs
1
µA Max
• Noise Filter on SCL/SDA Inputs
• I2C to Parallel Port Expander
• Latched Outputs With High-Current Drive
• Operating Power-Supply Voltage Range of
Maximum Capability for Directly Driving LEDs
2.3 V to 5.5 V
• Latch-Up Performance Exceeds 100 mA Per
• 5-V Tolerant I/O Ports
JESD 78, Class II
• 400-kHz Fast I2C Bus
• ESD Protection Exceeds JESD 22
• Input/Output Configuration Register
2000-V Human-Body Model (A114-A)
• Polarity Inversion Register
200-V Machine Model (A115-A)
• Internal Power-On Reset
1000-V Charged-Device Model (C101)
ORDERING INFORMATION
TOP-SIDE
TA
PACKAGE(1)
ORDERABLE PART NUMBER
MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
PCA9536YZPR
PREVIEW
0.23-mm Large Bump – YZP (Pb-free)
PCA9536DR
Reel of 2500
PCA9536DRG4
SOIC – D
PCA9536D
PD536
Tube of 75
–40
°C to 85°C
PCA9536DG4
Reel of 250
PCA9536DT
VSSOP – DCU
Reel of 3000
PCA9536DCUR
PREVIEW
PCA9536DGKR
VSSOP – DGK
Reel of 2500
7C_
PCA9536DGKRG4
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCU/DGK: The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9536D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536D PHILIPS-PCA9536D Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536D NXP-PCA9536D Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
PCA9536D PHILIPS-PCA9536D Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
PCA9536DP PHILIPS-PCA9536DP Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536DP NXP-PCA9536DP Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
More results

Similar Description - PCA9536D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9536 TI-TCA9536 Datasheet
1Mb / 34P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
SCPS275 ??JULY 2021
TCA9536 TI-TCA9536_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9536 TI1-TCA9536_V03 Datasheet
1Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
REVISED DECEMBER 2021
TCA9537 TI-TCA9537 Datasheet
2Mb / 36P
[Old version datasheet]   TCA9537 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
FEBRUARY 2022
TCA9536 TI-TCA9536_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com