Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9536D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9536D
Description  REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9536D Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCA9536D Datasheet HTML 3Page - Texas Instruments PCA9536D Datasheet HTML 4Page - Texas Instruments PCA9536D Datasheet HTML 5Page - Texas Instruments PCA9536D Datasheet HTML 6Page - Texas Instruments PCA9536D Datasheet HTML 7Page - Texas Instruments PCA9536D Datasheet HTML 8Page - Texas Instruments PCA9536D Datasheet HTML 9Page - Texas Instruments PCA9536D Datasheet HTML 10Page - Texas Instruments PCA9536D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
Register Descriptions
Power-On Reset
PCA9536
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER
WITH CONFIGURATION REGISTERS
SCPS125C – APRIL 2006 – REVISED NOVEMBER 2006
The Input Port register (register 0) reflects the incoming logic levels of the pins, regardless of whether the pin is
defined as an input or an output by the Configuration register. It only acts on read operation. Writes to these
registers have no effect. The default value, X, is determined by the externally applied logic level.
Before a read operation, a write transmission is sent with the command byte to instruct the I2C device that the
Input Port register will be accessed next.
Register 0 (Input Port Register)
I7
I6
I5
I4
BIT
I3
I2
I1
I0
Not Used
DEFAULT
1
1
1
1
X
X
X
X
The Output Port register (register 1) shows the outgoing logic levels of the pins defined as outputs by the
Configuration register. Bit values in this register have no effect on pins defined as inputs. In turn, reads from this
register reflect the value that is in the flip-flop controlling the output selection, not the actual pin value.
Register 1 (Output Port Register)
O7
O6
O5
O4
BIT
O3
O2
O1
O0
Not Used
DEFAULT
1
1
1
1
1
1
1
1
The Polarity Inversion register (register 2) allows polarity inversion of pins defined as inputs by the Configuration
register. If a bit in this register is set (written with 1), the corresponding port pin's polarity is inverted. If a bit in
this register is cleared (written with a 0), the corresponding port pin's original polarity is retained.
Register 2 (Polarity Inversion Register)
N7
N6
N5
N4
BIT
N3
N2
N1
N0
Not Used
DEFAULT
0
0
0
0
0
0
0
0
The Configuration register (register 3) configures the directions of the I/O pins. If a bit in this register is set to 1,
the corresponding port pin is enabled as an input with high-impedance output driver. If a bit in this register is
cleared to 0, the corresponding port pin is enabled as an output.
Register 3 (Configuration Register)
C7
C6
C5
C4
BIT
C3
C2
C1
C0
Not Used
DEFAULT
1
1
1
1
1
1
1
1
When power (from 0 V) is applied to VCC, an internal power-on reset holds the PCA9536 in a reset condition
until VCC has reached VPOR. At that time, the reset condition is released and the PCA9536 registers and
I2C/SMBus state machine initialize to their default states. After that, VCC must be lowered to below 0.2 V and
then back up to the operating voltage for a power-reset cycle.
7
Submit Documentation Feedback


Similar Part No. - PCA9536D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536D PHILIPS-PCA9536D Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536D NXP-PCA9536D Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
PCA9536D PHILIPS-PCA9536D Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
PCA9536DP PHILIPS-PCA9536DP Datasheet
153Kb / 16P
   4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9536DP NXP-PCA9536DP Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
More results

Similar Description - PCA9536D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9536 TI-TCA9536 Datasheet
1Mb / 34P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
SCPS275 ??JULY 2021
TCA9536 TI-TCA9536_V02 Datasheet
2Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9536 TI1-TCA9536_V03 Datasheet
1Mb / 37P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
REVISED DECEMBER 2021
TCA9537 TI-TCA9537 Datasheet
2Mb / 36P
[Old version datasheet]   TCA9537 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
FEBRUARY 2022
TCA9536 TI-TCA9536_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
[Old version datasheet]   REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
[Old version datasheet]   REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com