Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3403DRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # MC3403DRE4
Description  QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC3403DRE4 Datasheet(HTML) 4 Page - Texas Instruments

  MC3403DRE4 Datasheet HTML 1Page - Texas Instruments MC3403DRE4 Datasheet HTML 2Page - Texas Instruments MC3403DRE4 Datasheet HTML 3Page - Texas Instruments MC3403DRE4 Datasheet HTML 4Page - Texas Instruments MC3403DRE4 Datasheet HTML 5Page - Texas Instruments MC3403DRE4 Datasheet HTML 6Page - Texas Instruments MC3403DRE4 Datasheet HTML 7Page - Texas Instruments MC3403DRE4 Datasheet HTML 8Page - Texas Instruments MC3403DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MC3303, MC3403
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
SLOS101C – FEBRUARY 1979 – REVISED FEBRUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC+ = 5 V, VCC– = 0 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MC3303
MC3403
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 2.5 V
10
2
10
mV
IIO
Input offset current
VO = 2.5 V
75
30
50
nA
IIB
Input bias current
VO = 2.5 V
–0.5
–0.2
–0.5
µA
RL = 10 kΩ
3.3
3.5
3.3
3.5
VOM
Peak output voltage swing‡
RL = 10 kΩ,
VCC+ = 5 V to 30 V
VCC+
– 1.7
VCC+
– 1.7
V
AVD
Large-signal
VO =1 7Vto3 3V RL =2kΩ
20
200
20
200
V/mV
AVD
gg
differential voltage amplification
VO = 1.7 V to 3.3 V, RL = 2 kΩ
20
200
20
200
V/mV
kSVS
Supply-voltage sensitivity
VCC
± = ±2 5Vto ±15 V
150
150
µV/V
kSVS
yg
y
(
∆VIO/∆VCC±)
VCC
± = ±2.5 V to ±15 V
150
150
µV/V
ICC
Supply current
VO = 2.5 V, No load
2.5
7
2.5
7
mA
VO1/VO2
Crosstalk attenuation
f = 1 kHZ to 20 kHZ
120
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified.
‡ Output will swing essentially to ground.
operating characteristics, VCC+ = 14 V, VCC– = 0 V for MC3303, VCC
± = ±15 V for MC3403,
TA = 25°C, AVD = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
VI = ±10 V,
CL = 100 pF,
RL = 2 kΩ,
See Figure 1
0.6
V/
µs
tr
Rise time
∆VO = 50 mV,
CL = 100 pF,
RL = 10 kΩ,
See Figure 1
0.35
µs
tf
Fall time
∆VO = 50 mV,
CL = 100 pF,
RL = 10 kΩ,
See Figure 1
0.35
µs
Overshoot factor
∆VO = 50 mV,
CL = 100 pF,
RL = 10 kΩ,
See Figure 1
20
%
Crossover distortion
VI(PP) = 30 mV,
VOPP = 2 V,
f = 10 kHZ
1
%
PARAMETER MEASUREMENT INFORMATION
RL
CL = 100 pF
VI
OUT
Figure 1. Unity-Gain Amplifier


Similar Part No. - MC3403DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3403DR TI1-MC3403DR Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC3403DR2 ONSEMI-MC3403DR2 Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
MC3403DR2 ONSEMI-MC3403DR2 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
MC3403DR2G ONSEMI-MC3403DR2G Datasheet
162Kb / 9P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 10
MC3403DR2G ONSEMI-MC3403DR2G Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results

Similar Description - MC3403DRE4

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1544 GMT-G1544 Datasheet
661Kb / 1P
   Low Power Quadruple Operational Amplifiers
logo
Texas Instruments
MC3303 TI1-MC3303_16 Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
MC3303 TI-MC3303 Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1540 GMT-G1540 Datasheet
857Kb / 1P
   Low Power Quadruple Operational Amplifiers
G1559 GMT-G1559 Datasheet
478Kb / 1P
   Low Power Quadruple Operational Amplifiers
logo
Texas Instruments
LP324 TI-LP324_10 Datasheet
308Kb / 10P
[Old version datasheet]   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP324 TI-LP324 Datasheet
240Kb / 9P
[Old version datasheet]   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP324_101 TI-LP324_101 Datasheet
411Kb / 12P
[Old version datasheet]   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LP324 NSC-LP324_14 Datasheet
789Kb / 13P
   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com