Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9515AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9515AD
Description  DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9515AD Datasheet(HTML) 1 Page - Texas Instruments

  PCA9515AD Datasheet HTML 1Page - Texas Instruments PCA9515AD Datasheet HTML 2Page - Texas Instruments PCA9515AD Datasheet HTML 3Page - Texas Instruments PCA9515AD Datasheet HTML 4Page - Texas Instruments PCA9515AD Datasheet HTML 5Page - Texas Instruments PCA9515AD Datasheet HTML 6Page - Texas Instruments PCA9515AD Datasheet HTML 7Page - Texas Instruments PCA9515AD Datasheet HTML 8Page - Texas Instruments PCA9515AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
D, DCT, DGK, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
VCC
SCL1
SDA1
EN
NC
SCL0
SDA0
GND
8
7
6
5
NC
No internal connection
DESCRIPTION/ORDERING INFORMATION
PCA9515A
DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
SCPS150A – DECEMBER 2005 – REVISED JUNE 2006
Two-Channel Bidirectional Buffers
ESD Protection Exceeds JESD 22
I2C Bus and SMBus Compatible
– 2000-V Human-Body Model (A114-A)
Active-High Repeater-Enable Input
– 200-V Machine Model (A115-A)
Open-Drain I2C I/O
– 1000-V Charged-Device Model (C101)
5.5-V Tolerant I2C I/O and Enable Input
Support Mixed-Mode Signal Operation
Lockup-Free Operation
Accommodates Standard Mode and Fast
Mode I2C Devices and Multiple Masters
Supports Arbitration and Clock Stretching
Across the Repeater
Powered-Off High-Impedance I2C Pins
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
This dual bidirectional I2C buffer is operational at 2.3-V to 3.6-V VCC.
The PCA9515A is a BiCMOS integrated circuit intended for I2C bus and SMBus systems applications. The
device contains two identical bidirectional open-drain buffer circuits that enable I2C and similar bus systems to
be extended without degradation of system performance. Both buffers specifically are designed to support the
standard low-level-contention arbitration of the I2C bus and support clock stretching.
The PCA9515A buffers both the serial data (SDA) and serial clock (SCL) signals on the I2C bus, while retaining
all the operating modes and features of the I2C system. This enables two buses of 400-pF bus capacitance to be
connected in an I2C application.
The I2C bus capacitance limit of 400 pF restricts the number of devices and bus length. Using the PCA9515A
enables the system designer to isolate two halves of a bus, accommodating more I2C devices or longer trace
lengths.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
Tube of 75
PCA9515AD
SOIC – D
Reel of 2500
PCA9515ADR
PD515A
Reel of 250
PCA9515ADT
Reel of 3000
PCA9515ADCTR
SSOP – DCT
PREVIEW
–40
°C to 85°C
Reel of 250
PCA9515ADCTT
Tube of 150
PCA9515APW
TSSOP – PW
Reel of 2000
PCA9515APWR
PD515A
Reel of 250
PCA9515APWT
VSSOP – DGK
Reel of 2500
PCA9515ADGKR
7B_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DGK: The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCA9515AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515AD NXP-PCA9515AD Datasheet
112Kb / 18P
   I2C-bus repeater
Rev. 04-11 April 2008
PCA9515AD NXP-PCA9515AD Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Texas Instruments
PCA9515AD TI1-PCA9515AD Datasheet
1Mb / 24P
[Old version datasheet]   SMBus Repeater
PCA9515ADG4 TI1-PCA9515ADG4 Datasheet
1Mb / 24P
[Old version datasheet]   SMBus Repeater
PCA9515ADGKR TI1-PCA9515ADGKR Datasheet
1Mb / 24P
[Old version datasheet]   SMBus Repeater
More results

Similar Description - PCA9515AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com