Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34063AP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MC34063AP
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC34063AP Datasheet(HTML) 8 Page - Texas Instruments

Back Button MC34063AP Datasheet HTML 4Page - Texas Instruments MC34063AP Datasheet HTML 5Page - Texas Instruments MC34063AP Datasheet HTML 6Page - Texas Instruments MC34063AP Datasheet HTML 7Page - Texas Instruments MC34063AP Datasheet HTML 8Page - Texas Instruments MC34063AP Datasheet HTML 9Page - Texas Instruments MC34063AP Datasheet HTML 10Page - Texas Instruments MC34063AP Datasheet HTML 11Page - Texas Instruments MC34063AP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
Q
S
R
CT
Ipk
Q2
Q1
2
1
Oscillator
_
+
1.25-V
Reference
Regulator
4
5
3
8
7
6
RSC
0.24
953
R1
CO
1N5819
1500 pF
R2
8.2 k
100
µF
+
VCC
Vout
−12 V/100 mA
1.0
µH
100
µF
Optional Filter
Vin
4.5 V to 6.0 V
+
+
1000
µF
+
L
88
µH
Comparator
V
out + *1.25 (1 )
R2
R1
)
8
7
6
1
2
8
7
6
1
2
Vin
Vout
Vin
Vout
a) EXTERNAL npn SWITCH
b) EXTERNAL pnp SATURATED SWITCH
MC33063A, MC34063A
1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
SLLS636J – DECEMBER 2004 – REVISED OCTOBER 2005
Figure 10. Voltage-Inverting Converter
TEST
CONDITIONS
RESULTS
Line regulation
VIN = 4.5 V to 6 V, IO = 100 mA
3 mV
± 0.12%
Load regulation
VIN = 5 V, IO = 10 mA to 100 mA
0.022 V
± 0.09%
Output ripple
VIN = 5 V, IO = 100 mA
500 mVPP
Short-circuit current
VIN = 5 V, RL = 0.1 Ω
910 mA
Efficiency
VIN = 5 V, IO = 100 mA
62.2%
Output ripple with optional filter
VIN = 5 V, IO = 100 mA
70 mVPP
Figure 11. External Current-Boost Connections for IC Peak Greater Than 1.5 A
8


Similar Part No. - MC34063AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC34063AP FAIRCHILD-MC34063AP Datasheet
46Kb / 8P
   SMPS Controller
logo
Texas Instruments
MC34063AP TI-MC34063AP Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Fairchild Semiconductor
MC34063AP FAIRCHILD-MC34063AP Datasheet
525Kb / 7P
   SMPS Controller
logo
Texas Instruments
MC34063AP TI-MC34063AP Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC34063AP TI1-MC34063AP Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
More results

Similar Description - MC34063AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com