Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4060BN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4060BN
Description  14-stage ripple-carry binary counter/divider and oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4060BN Datasheet(HTML) 6 Page - NXP Semiconductors

  HEF4060BN Datasheet HTML 1Page - NXP Semiconductors HEF4060BN Datasheet HTML 2Page - NXP Semiconductors HEF4060BN Datasheet HTML 3Page - NXP Semiconductors HEF4060BN Datasheet HTML 4Page - NXP Semiconductors HEF4060BN Datasheet HTML 5Page - NXP Semiconductors HEF4060BN Datasheet HTML 6Page - NXP Semiconductors HEF4060BN Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
January 1995
6
Philips Semiconductors
Product specification
14-stage ripple-carry binary counter/divider
and oscillator
HEF4060B
MSI
Timing component limitations
The oscillator frequency is mainly determined by
RtCt, provided Rt << R2 and R2C2 << RtCt. The function
of R2 is to minimize the influence of the forward voltage
across the input protection diodes on the frequency. The
stray capacitance C2 should be kept as small as possible.
In consideration of accuracy, Ct must be larger than the
inherent stray capacitance. Rt must be larger than the
LOCMOS ‘ON’ resistance in series with it, which typically
is 500
Ω at VDD = 5 V, 300 Ω at VDD = 10 V and 200 Ω at
VDD = 15 V.
The recommended values for these components to
maintain agreement with the typical oscillation formula are:
Ct ≥ 100 pF, up to any practical value,
10 k
Ω≤ Rt ≤ 1 MΩ.
Typical crystal oscillator circuit
In Fig.5, R2 is the power limiting resistor. For starting and
maintaining oscillation a minimum transconductance is
necessary.
Fig.5
External component connection for crystal
oscillator.
Fig.6
Test set-up for measuring forward transconductance gfs =dio/dvi at vo is constant (see also graph Fig.7);
MR = LOW.


Similar Part No. - HEF4060BN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
115Kb / 7P
   14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Nexperia B.V. All right...
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
   14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100 Datasheet
726Kb / 14P
   14-stage ripple-carry binary counter/divider and oscillator
logo
NXP Semiconductors
HEF4060BD PHILIPS-HEF4060BD Datasheet
109Kb / 7P
   MSI 14-stage ripple-carry binary counter/divider and oscillator
January 1995
HEF4060BDF PHILIPS-HEF4060BDF Datasheet
109Kb / 7P
   MSI 14-stage ripple-carry binary counter/divider and oscillator
January 1995
More results

Similar Description - HEF4060BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
   14-stage ripple carry binary counter/divider and oscillator
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
   14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Nexperia B.V. All right...
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
   14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
   14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
System Logic Semiconduc...
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
   14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
logo
Nexperia B.V. All right...
HEF4060B-Q100 NEXPERIA-HEF4060B-Q100 Datasheet
726Kb / 14P
   14-stage ripple-carry binary counter/divider and oscillator
logo
STMicroelectronics
HCC4060B STMICROELECTRONICS-HCC4060B Datasheet
272Kb / 13P
   COUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY
HCF4060 STMICROELECTRONICS-HCF4060 Datasheet
625Kb / 15P
   14-stage ripple carry binary counter/divider and oscillator
May 2013 Rev 6
logo
System Logic Semiconduc...
SL4020B SLS-SL4020B Datasheet
59Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com