Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4067BP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4067BP
Description  16-channel analogue multiplexer/demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4067BP Datasheet(HTML) 8 Page - NXP Semiconductors

  HEF4067BP Datasheet HTML 1Page - NXP Semiconductors HEF4067BP Datasheet HTML 2Page - NXP Semiconductors HEF4067BP Datasheet HTML 3Page - NXP Semiconductors HEF4067BP Datasheet HTML 4Page - NXP Semiconductors HEF4067BP Datasheet HTML 5Page - NXP Semiconductors HEF4067BP Datasheet HTML 6Page - NXP Semiconductors HEF4067BP Datasheet HTML 7Page - NXP Semiconductors HEF4067BP Datasheet HTML 8Page - NXP Semiconductors HEF4067BP Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
January 1995
8
Philips Semiconductors
Product specification
16-channel analogue
multiplexer/demultiplexer
HEF4067B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
Notes
1. Vis is the input voltage at a Y or Z terminal, whichever is assigned as input.
2. Vos is the output voltage at a Y or Z terminal, whichever is assigned as output.
3. RL = 10 kΩ to VSS;CL = 50 pF to VSS; E=VSS;Vis =VDD (square-wave); see Fig.7.
4. RL = 10 kΩ;CL = 50 pF to VSS; E=VSS;An =VDD (square-wave); Vis =VDD and RL to VSS for tPLH;Vis =VSS and
RL to VDD for tPHL; see Fig.7.
5. RL = 10 kΩ;CL = 50 pF to VSS; E=VDD (square-wave);
Vis =VDD and RL to VSS for tPHZ and tPZH;
Vis =VSS and RL to VDD for tPLZ and tPZL; see Fig.7.
6. RL = 10 kΩ;CL = 15 pF; channel ON; Vis = 12 VDD(p-p) (sine-wave, symmetrical about 12 VDD);
fis = 1 kHz; see Fig.8.
7. RL =1 kΩ; Vis = 12 VDD(p-p) (sine-wave, symmetrical about 12 VDD);
8. RL = 10 kΩ to VSS;CL = 15 pF to VSS; E or An =VDD (square-wave); crosstalk is  Vos (peak value); see Fig.7.
9. RL =1 kΩ;CL = 5 pF; channel OFF; Vis = 12 VDD(p-p) (sine-wave, symmetrical about 12 VDD);
10. RL =1 kΩ;CL = 5 pF; channel ON; Vis = 12 VDD(p-p) (sine-wave, symmetrical about 12 VDD);
VDD
V
SYMBOL
TYP.
MAX.
Distortion, sine-wave
5
0,25
%
note 6
response
10
0,04
%
15
0,04
%
Crosstalk between
5
MHz
note 7
any two channels
10
1
MHz
15
MHz
Crosstalk; enable
5
mV
note 8
or address input
10
50
mV
to output
15
mV
OFF-state
5
MHz
note 9
feed-through
10
1
MHz
15
MHz
ON-state frequency
5
13
MHz
note 10
response
10
40
MHz
15
70
MHz
20
V
os
V
is
---------
50 dB; see Fig.9.
=
log
20
V
os
V
is
---------
50 dB; see Fig.8.
=
log
20
V
os
V
is
---------
3 dB; see Fig.8.
=
log


Similar Part No. - HEF4067BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4067BP NXP-HEF4067BP Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067BP PHILIPS-HEF4067BP Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
More results

Similar Description - HEF4067BP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051B PHILIPS-HEF4051B Datasheet
121Kb / 9P
   8-channel analogue multiplexer/demultiplexer
January 1995
HEF4053B PHILIPS-HEF4053B Datasheet
118Kb / 9P
   Triple 2-channel analogue multiplexer/demultiplexer
January 1995
HEF4052B PHILIPS-HEF4052B Datasheet
120Kb / 9P
   Dual 4-channel analogue multiplexer/demultiplexer
January 1995
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com