Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4066BD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4066BD
Description  Quadruple bilateral switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4066BD Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4066BD Datasheet HTML 1Page - NXP Semiconductors HEF4066BD Datasheet HTML 2Page - NXP Semiconductors HEF4066BD Datasheet HTML 3Page - NXP Semiconductors HEF4066BD Datasheet HTML 4Page - NXP Semiconductors HEF4066BD Datasheet HTML 5Page - NXP Semiconductors HEF4066BD Datasheet HTML 6Page - NXP Semiconductors HEF4066BD Datasheet HTML 7Page - NXP Semiconductors HEF4066BD Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
January 1995
3
Philips Semiconductors
Product specification
Quadruple bilateral switches
HEF4066B
gates
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
DC CHARACTERISTICS
Tamb =25 °C
Power dissipation per switch
P
max.
100
mW
For other RATINGS see Family Specifications
VDD
V
SYMBOL
MIN.
TYP.
MAX.
CONDITIONS
ON resistance
5
RON
350
2500
En at VDD
10
80
245
Vis =VSS to VDD
15
60
175
see Fig.4
ON resistance
5
RON
115
340
En at VDD
10
50
160
Vis =VSS
15
40
115
see Fig.4
ON resistance
5
RON
120
365
En at VDD
10
65
200
Vis =VDD
15
50
155
see Fig.4
∆’ ON resistance
5
∆R
ON
25
−Ω
En at VDD
between any two
10
10
−Ω
Vis =VSS to VDD
channels
15
5
−Ω
see Fig.4
OFF state leakage
5
IOZ
−−
nA
En at VSS
current, any
10
−−
nA
channel OFF
15
−−
200 nA
En input voltage
5
VIL
2,25
1 V
Iis =10 µA
see Fig.9
LOW
10
4,50
2 V
15
6,75
2 V
VDD
V
SYMBOL
Tamb (°c)
CONDITIONS
−40
+25
+85
MAX.
MAX.
MAX.
Quiescent device
5
IDD
1,0
1,0
7,5
µAVSS = 0; all valid
current
10
2,0
2,0
15,0
µA
input combinations;
15
4,0
4,0
30,0
µAVI =VSS or VDD
Input leakage current at En
15
± IIN
300
1000 nA
En at VSS or VDD


Similar Part No. - HEF4066BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
   Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
   Quad single-pole single-throw analog switch
logo
NXP Semiconductors
HEF4066BP NXP-HEF4066BP Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
HEF4066BT NXP-HEF4066BT Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
More results

Similar Description - HEF4066BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4016B PHILIPS-HEF4016B Datasheet
79Kb / 8P
   Quadruple bilateral switches
January 1995
HEF4016B_CNV PHILIPS-HEF4016B_CNV_15 Datasheet
81Kb / 8P
   Quadruple bilateral switches
January 1995
logo
Texas Instruments
SN54LV4066A TI-SN54LV4066A_09 Datasheet
872Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI1-SN54LV4066A_14 Datasheet
1Mb / 29P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A Datasheet
574Kb / 21P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
HEC4066B PHILIPS-HEC4066B Datasheet
85Kb / 8P
   gates Quadruple bilateral switches
January 1995
logo
Texas Instruments
SN54LV4066A TI-SN54LV4066A_07 Datasheet
858Kb / 23P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
SN54LV4066A TI-SN54LV4066A_10 Datasheet
818Kb / 25P
[Old version datasheet]   QUADRUPLE BILATERAL ANALOG SWITCHES
logo
NXP Semiconductors
74HC2G66 PHILIPS-74HC2G66 Datasheet
130Kb / 20P
   Bilateral switches
2004 May 19
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
   QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com