Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3238ECDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3238ECDWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3238ECDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button MAX3238ECDWR Datasheet HTML 7Page - Texas Instruments MAX3238ECDWR Datasheet HTML 8Page - Texas Instruments MAX3238ECDWR Datasheet HTML 9Page - Texas Instruments MAX3238ECDWR Datasheet HTML 10Page - Texas Instruments MAX3238ECDWR Datasheet HTML 11Page - Texas Instruments MAX3238ECDWR Datasheet HTML 12Page - Texas Instruments MAX3238ECDWR Datasheet HTML 13Page - Texas Instruments MAX3238ECDWR Datasheet HTML 14Page - Texas Instruments MAX3238ECDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
TEST CIRCUIT
50
Generator
(see Note B)
FORCEOFF
ROUT
FORCEON
Auto-
powerdown
Plus
INVALID
DOUT
DIN
CL = 30 pF
(see Note A)
2.7 V
−2.7 V
0.3 V
−0.3 V
0 V
Valid RS-232 Level, INVALID High
Indeterminate
Indeterminate
If Signal Remains Within This Region
For More Than 30
µs, INVALID Is Low
Valid RS-232 Level, INVALID High
Auto-powerdown plus disables drivers and reduces
supply current to 1
µA.
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following
characteristics: PRR = 5 kbit/s, ZO = 50 Ω, 50%
duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
−2.7 V
Receiver
Input
−3 V
3 V
2.7 V
tvalid
VCC
0 V
INVALID
Output
3 V to 5 V
50%
50%
0 V
0 V
0 V
50%
50%
Driver
Input
≈5.5 V
Driver
Output
≈ −5.5 V
Supply
Voltages
tdis
ten
tdis
ten
V+
V−
V+ −0.3 V
V− +0.3 V
Voltage Waveforms and Timing Diagrams
tinvalid
V+
V−
MAX3238E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS710A – FEBRUARY 2006 – REVISED APRIL 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. INVALID Propagation-Delay Times and Supply-Enabling Time
11
Submit Documentation Feedback


Similar Part No. - MAX3238ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238ECDWR TI1-MAX3238ECDWR Datasheet
899Kb / 22P
[Old version datasheet]   LINE DRIVER/RECEIVER WITH ESD (HBM) PROTECTION
More results

Similar Description - MAX3238ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRSF3238E TI1-TRSF3238E Datasheet
610Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3243-EP TI1-MAX3243-EP Datasheet
541Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238_10 Datasheet
368Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238 TI-TRS3238 Datasheet
384Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3243 TI1-TRS3243 Datasheet
583Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238E TI-TRS3238E Datasheet
474Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
logo
Texas Instruments
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com