Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3237ECDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3237ECDWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3237ECDWR Datasheet(HTML) 5 Page - Texas Instruments

  MAX3237ECDWR Datasheet HTML 1Page - Texas Instruments MAX3237ECDWR Datasheet HTML 2Page - Texas Instruments MAX3237ECDWR Datasheet HTML 3Page - Texas Instruments MAX3237ECDWR Datasheet HTML 4Page - Texas Instruments MAX3237ECDWR Datasheet HTML 5Page - Texas Instruments MAX3237ECDWR Datasheet HTML 6Page - Texas Instruments MAX3237ECDWR Datasheet HTML 7Page - Texas Instruments MAX3237ECDWR Datasheet HTML 8Page - Texas Instruments MAX3237ECDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
DRIVER SECTION
Switching Characteristics
(1)
MAX3237E
3-V TO 5.5-V MULTICHANNEL RS-232
1-MBit/s LINE DRIVER/RECEIVER
SLLS709A – MAY 2006 – REVISED OCTOBER 2006
xxx
Electrical Characteristics(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = GND
5
5.4
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = VCC
–5
–5.4
V
IIH
High-level input current
VI = VCC
±0.01
±1
µA
IIL
Low-level input current
VI at GND
±0.01
±1
µA
IOS
Short-circuit output current(3)
VCC = 3.6 V or 3.3 V,
VO = 0 V
±60
mA
ro
Output resistance
VCC, V+, and V– = 0 V,
VO = ±2 V
300
50k
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3 V to 5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power-dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
CL = 1000 pF,
250
MBAUD = GND
CL = 1000 pF,
Maximum data
VCC = 4.5 V to 5.5 V,
RL = 3 kΩ, 1 DIN switching,
1000
kbit/s
rate
MBAUD = VCC
See Figure 1
CL = 250 pF,
VCC = 3 V to 4.5 V,
1000
MBAUD = VCC
CL = 150 pF to 2500 pF, RL = 3 kΩ to 7 kΩ,
tsk(p)
Pulse skew(3)
100
ns
MBAUD = VCC or GND, See Figure 2
MBAUD = GND
6
30
Slew rate,
VCC = 3.3 V,
CL = 150 pF to 1000 pF
SR(tr)
transition region
RL = 3 kΩ to 7 kΩ,
MBAUD = VCC
24
150
V/
µs
(see Figure 1)
TA = 25°C
CL = 150 pF to 2500 pF,
MBAUD = GND
4
30
(1)
Test conditions are C1–C4 = 0.1
µF at V
CC = 3 V to 5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
5
Submit Documentation Feedback


Similar Part No. - MAX3237ECDWR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3237ECAI MAXIM-MAX3237ECAI Datasheet
411Kb / 22P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 7; 2/03
MAX3237ECAI MAXIM-MAX3237ECAI Datasheet
874Kb / 26P
   ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
Rev 10; 1/06
More results

Similar Description - MAX3237ECDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3237E TI-TRS3237E_1 Datasheet
411Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
TRS3237E TI-TRS3237E Datasheet
404Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3237E TI-MAX3237E_08 Datasheet
392Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 1-MBit/s LINE DRIVER/RECEIVER
MAX3222 TI-MAX3222 Datasheet
270Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3221 TI-MAX3221 Datasheet
230Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3243 TI-MAX3243 Datasheet
160Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
MAX3238 TI-MAX3238 Datasheet
237Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com