Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4053B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4053B
Description  Triple 2-channel analogue multiplexer/demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4053B Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4053B Datasheet HTML 1Page - NXP Semiconductors HEF4053B Datasheet HTML 2Page - NXP Semiconductors HEF4053B Datasheet HTML 3Page - NXP Semiconductors HEF4053B Datasheet HTML 4Page - NXP Semiconductors HEF4053B Datasheet HTML 5Page - NXP Semiconductors HEF4053B Datasheet HTML 6Page - NXP Semiconductors HEF4053B Datasheet HTML 7Page - NXP Semiconductors HEF4053B Datasheet HTML 8Page - NXP Semiconductors HEF4053B Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
January 1995
3
Philips Semiconductors
Product specification
Triple 2-channel analogue
multiplexer/demultiplexer
HEF4053B
MSI
HEF4053BP(N): 16-lead DIL; plastic
(SOT38-1)
HEF4053BD(F): 16-lead DIL; ceramic (cerdip)
(SOT74)
HEF4053BT(D): 16-lead SO; plastic
(SOT109-1)
( ): Package Designator North America
Fig.2 Pinning diagram.
PINNING
FUNCTION TABLE
Notes
1. H = HIGH state (the more positive voltage)
L = LOW state (the less positive voltage)
X = state is immaterial
Y0A to Y0C
independent inputs/outputs
Y1A to Y1C
independent inputs/outputs
SA to SC
select inputs
E
enable input (active LOW)
ZA to ZC
common inputs/outputs
INPUTS
CHANNEL
ON
ESn
LL
Y0n−Zn
LH
Y1n−Zn
H
X
none
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Note
1. To avoid drawing VDD current out of terminal Z, when switch current flows into terminals Y, the voltage drop across
the bidirectional switch must not exceed 0,4 V. If the switch current flows into terminal Z, no VDD current will flow out
of terminals Y, in this case there is no limit for the voltage drop across the switch, but the voltages at Y and Z may
not exceed VDD or VEE.
Supply voltage (with reference to VDD)VEE
−18 to + 0,5 V
Fig.3 Schematic diagram (one switch).


Similar Part No. - HEF4053B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B PHILIPS-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
More results

Similar Description - HEF4053B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051B PHILIPS-HEF4051B Datasheet
121Kb / 9P
   8-channel analogue multiplexer/demultiplexer
January 1995
HEF4067B PHILIPS-HEF4067B Datasheet
110Kb / 9P
   16-channel analogue multiplexer/demultiplexer
January 1995
HEF4052B PHILIPS-HEF4052B Datasheet
120Kb / 9P
   Dual 4-channel analogue multiplexer/demultiplexer
January 1995
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com