Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4044 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4044
Description  Quadruple R/S latch with 3-state outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4044 Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4044 Datasheet HTML 1Page - NXP Semiconductors HEF4044 Datasheet HTML 2Page - NXP Semiconductors HEF4044 Datasheet HTML 3Page - NXP Semiconductors HEF4044 Datasheet HTML 4Page - NXP Semiconductors HEF4044 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
January 1995
4
Philips Semiconductors
Product specification
Quadruple R/S latch with 3-state outputs
HEF4044B
MSI
AC CHARACTERISTICS
VSS =0V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
MIN.
TYP. MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
Rn → On
5
90
185 ns
63 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
40
80 ns
29 ns
+ (0,23 ns/pF) CL
15
30
60 ns
22 ns
+ (0,16 ns/pF) CL
Sn → On
5
90
180 ns
63 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
40
80 ns
29 ns
+ (0,23 ns/pF) CL
15
30
60 ns
22 ns
+ (0,16 ns/pF) CL
Output transition
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
times
10
tTHL
30
60 ns
9 ns
+ (0,42 ns/pF) CL
HIGH to LOW
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
5
60
120 ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60 ns
9 ns
+ (0,42 ns/pF) CL
15
20
40 ns
6 ns
+ (0,28 ns/pF) CL
3-state propagation delays
Output disable times
EO
→ O
n
5
50
100 ns
HIGH
10
tPHZ
30
60 ns
15
25
50 ns
530
60 ns
LOW
10
tPLZ
25
45 ns
15
20
40 ns
Output enable times
EO
→ O
n
5
50
100 ns
HIGH
10
tPZH
25
50 ns
15
20
40 ns
550
95 ns
LOW
10
tPZL
25
45 ns
15
20
35 ns
Minimum Sn
530
15
ns
see also waveforms
Fig.5
pulse width; LOW
10
tWSL
20
10
ns
15
16
8
ns
Minimum Rn
530
15
ns
pulse width; LOW
10
tWRL
20
10
ns
15
16
8
ns


Similar Part No. - HEF4044

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4044B NXP-HEF4044B Datasheet
81Kb / 13P
   Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4044BP NXP-HEF4044BP Datasheet
81Kb / 13P
   Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4044BT NXP-HEF4044BT Datasheet
81Kb / 13P
   Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
More results

Similar Description - HEF4044

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4043B PHILIPS-HEF4043B Datasheet
46Kb / 5P
   Quadruple R/S latch with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF4043B-Q100 NEXPERIA-HEF4043B-Q100 Datasheet
685Kb / 14P
   Quad R/S latch with 3-state outputs
logo
NXP Semiconductors
HEF4043B NXP-HEF4043B Datasheet
81Kb / 13P
   Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
HEF4043B PHILIPS-HEF4043B_15 Datasheet
158Kb / 14P
   Quad R/S latch with 3-state outputs
Rev. 10-18 November 2011
HEF4044B NXP-HEF4044B Datasheet
81Kb / 13P
   Quad R/S latch with 3-state outputs
Rev. 06-11 November 2008
logo
Nexperia B.V. All right...
HEF4043B NEXPERIA-HEF4043B Datasheet
215Kb / 11P
   Quad R/S latch with 3-state outputs
Rev. 13 - 8 December 2021
logo
Hitachi Semiconductor
HD14043B HITACHI-HD14043B Datasheet
74Kb / 5P
   Quadruple R-S Latch
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP_07 Datasheet
290Kb / 9P
   Quad 3-State R/S Latch
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
   QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
logo
System Logic Semiconduc...
SL4043B SLS-SL4043B Datasheet
44Kb / 6P
   Quad 3-State R/S Latch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com