Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-7408 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDSP-7408
Description  7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-7408 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDSP-7408 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-7408 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-7408 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-7408 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-7408 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-7408 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-7408 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-7408 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-7408 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Internal Circuit Diagram
A
B
C
D
E
F
Package Dimensions
NOTES:
1. ALL DIMENSIONS IN MILLIMETRES (INCHES).
2. MAXIMUM.
3. ALL UNTOLERANCED DIMENSIONS ARE
FOR REFERENCE ONLY.
4. REDUNDANT ANODES.
5. REDUNDANT CATHODES.
6. FOR HDSP-7400/-7800 SERIES PRODUCT ONLY.


Similar Part No. - HDSP-7408

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7408 AVAGO-HDSP-7408 Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results

Similar Description - HDSP-7408

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A401 AVAGO-HDSP-A401_10 Datasheet
435Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com