Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TL062CD Datasheet(PDF) 20 Page - Texas Instruments

Part No. TL062CD
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
Download  39 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 20 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
81023012A
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
81023022A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
8102302HA
ACTIVE
CFP
U
10
1
TBD
A42 SNPB
N / A for Pkg Type
8102302PA
ACTIVE
CDIP
JG
8
1
TBD
A42 SNPB
N / A for Pkg Type
81023032A
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
8102303CA
ACTIVE
CDIP
J
14
1
TBD
A42 SNPB
N / A for Pkg Type
8102303DA
ACTIVE
CFP
W
14
1
TBD
A42 SNPB
N / A for Pkg Type
TL061ACD
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061ACDE4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061ACDR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061ACDRE4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061ACP
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TL061ACPE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TL061ACPSR
ACTIVE
SO
PS
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061ACPSRE4
ACTIVE
SO
PS
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061BCD
OBSOLETE
SOIC
D
8
TBD
Call TI
Call TI
TL061BCP
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TL061BCPE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TL061CD
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061CDE4
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061CDR
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061CDRE4
ACTIVE
SOIC
D
8
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061CP
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TL061CPE4
ACTIVE
PDIP
P
8
50
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
TL061CPSR
ACTIVE
SO
PS
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061CPSRE4
ACTIVE
SO
PS
8
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061CPWLE
OBSOLETE
TSSOP
PW
8
TBD
Call TI
Call TI
TL061ID
ACTIVE
SOIC
D
8
75
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TL061IDE4
ACTIVE
SOIC
D
8
75
Green (RoHS &
CU NIPDAU
Level-1-260C-UNLIM
PACKAGE OPTION ADDENDUM
www.ti.com
6-Dec-2006
Addendum-Page 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LPV321_07GENERAL-PURPOSE LOW-VOLTAGE LOW-POWER RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TLV255XADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TL081_04JFET-INPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TLC225X_01Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
TLC271_01LinCMOSE PROGRAMMABLE LOW-POWER OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
LMV710SINGLE LOW-POWER RRIO OPERATIONAL AMPLIFIERS WITH HIGH OUTPUT CURRENT DRIVE AND SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
OPA234Low Power Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreBurr-Brown (TI)
UM603SOPERATIONAL AMPLIFIERS WITH 2.5V SHUNT REGULATOR 1 2 3 4 5 Unisonic Technologies
AD8551_07Zero-Drift Single-Supply Rail-to-Rail Input/Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
AZ4558CDUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 BCD Semiconductor Manufacturing Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl