Electronic Components Datasheet Search |
|
HEF4046B Datasheet(PDF) 6 Page - NXP Semiconductors |
|
HEF4046B Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 15 page January 1995 6 Philips Semiconductors Product specification Phase-locked loop HEF4046B MSI Figure 6 shows the state diagram for phase comparator 2. Each circle represents a state of the comparator. The number at the top, inside each circle, represents the state of the comparator, while the logic state of the signal and comparator inputs are represented by a ‘0’ for a logic LOW or a ‘1’ for a logic HIGH, and they are shown in the left and right bottom of each circle. The transitions from one to another result from either a logic change at the signal input (S) or the comparator input (C). A positive-going and a negative-going transition are shown by an arrow pointing up or down respectively. The state diagram assumes, that only one transition on either the signal input or comparator input occurs at any instant. States 3, 5, 9 and 11 represent the condition at the output when the p-type driver is ON, while states 2, 4, 10 and 12 determine the condition when the n-type driver is ON. States 1, 6, 7 and 8 represent the condition when the output is in its high impedance OFF state; i.e. both p and n-type drivers are OFF, and the PCPOUT output is HIGH. The condition at output PCPOUT for all other states is LOW. Fig.6 State diagram for comparator 2. S ↑: 0 to 1 transition at the signal input. C ↓ : 1 to 0 transition at the comparator input. |
Similar Part No. - HEF4046B |
|
Similar Description - HEF4046B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |