Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL288 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL288
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL288 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL288 Datasheet HTML 4Page - Texas Instruments TL288 Datasheet HTML 5Page - Texas Instruments TL288 Datasheet HTML 6Page - Texas Instruments TL288 Datasheet HTML 7Page - Texas Instruments TL288 Datasheet HTML 8Page - Texas Instruments TL288 Datasheet HTML 9Page - Texas Instruments TL288 Datasheet HTML 10Page - Texas Instruments TL288 Datasheet HTML 11Page - Texas Instruments TL288 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TL087, TL088, TL287, TL288
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS082B – MARCH 1979 – REVISED – JULY 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−25
0
25
20
−20 −15 −10 −5
0
5
10
15
20
4
8
12
16
−30
0
αVIO − Temperature Coefficient − µV/°C
30
20
−20
−10
0
10
20
5
10
15
120 Units Tested From 2 Wafer Lots
VCC ± = ±15 V
TA = 25°C to 125°C
P Package
172 Amplifiers Tested From 2 Wafer Lots
TA = 25°C to 125°C
P Package
One unit at − 34.6
µV/°C
αVIO − Temperature Coefficient − µV/°C
DISTRIBUTION OF TL088
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
DISTRIBUTION OF TL288
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
VCC ± = ±15 V
Figure 6
Figure 7
TA − Free-Air Temperature − °C
0.001
25
0.01
0.1
1
10
100
45
65
85
105
125
−15
−10
VIC − Common-Mode Input Voltage − V
−5
0
5
10
−10
− 5
0
5
10
15
TA = 25°C
INPUT BIAS CURRENT AND
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
VCC ± = ±15 V
IO
I
IB
I
VO = 0
VIC = 0
VCC ± = ±15 V
Figure 8
Figure 9
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - TL288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL288 TI-TL288 Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL288CD TI-TL288CD Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL288CJG TI-TL288CJG Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL288CP TI-TL288CP Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL288ID TI-TL288ID Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL288

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com