Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL287 Datasheet(PDF) 9 Page - Texas Instruments

Part # TL287
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL287 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL287 Datasheet HTML 5Page - Texas Instruments TL287 Datasheet HTML 6Page - Texas Instruments TL287 Datasheet HTML 7Page - Texas Instruments TL287 Datasheet HTML 8Page - Texas Instruments TL287 Datasheet HTML 9Page - Texas Instruments TL287 Datasheet HTML 10Page - Texas Instruments TL287 Datasheet HTML 11Page - Texas Instruments TL287 Datasheet HTML 12Page - Texas Instruments TL287 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TL087, TL088, TL287, TL288
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS082B – MARCH 1979 – REVISED – JULY 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
−16
|VCC ±| − Supply Voltage − V
−75
−20
TA − Free-Air Temperature − °C
−8
−4
0
4
8
12
16
2
4
6
8
10
12
14
16
Negative Limit
Positive Limit
−15
−10
−5
0
5
10
15
20
− 50
− 25
0
25
50
75
100
125
Positive Limit
VCC ± = ±15 V
TA = 25°C
COMMON-MODE
INPUT VOLTAGE RANGE LIMITS
vs
SUPPLY VOLTAGE
COMMON-MODE
INPUT VOLTAGE RANGE LIMITS
vs
FREE-AIR TEMPERATURE
−12
Negative Limit
Figure 10
Figure 11
− 400
−15
VID − Differential Input Voltage − µV
−10
−5
0
5
10
15
− 200
0
200
400
VCC ± = ±15 V
TA = 25°C
RL = 600 Ω
RL = 1 kΩ
RL = 2 kΩ
RL = 10 kΩ
0
−16
|VCC ±| − Supply Voltage − V
−12
−8
−4
0
4
8
12
16
2
4
6
8
10
12
14
16
TA = 25°C
VOM +
RL = 10 kΩ
RL = 2 kΩ
VOM −
RL = 2 kΩ
RL = 10 kΩ
OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 12
Figure 13
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.


Similar Part No. - TL287

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL287 TI-TL287 Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL287CD TI-TL287CD Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL287CJG TI-TL287CJG Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL287CP TI-TL287CP Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL287ID TI-TL287ID Datasheet
259Kb / 20P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL287

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com