Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL070 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL070
Description  JFET-INPUT OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL070 Datasheet(HTML) 4 Page - Texas Instruments

  TL070_06 Datasheet HTML 1Page - Texas Instruments TL070_06 Datasheet HTML 2Page - Texas Instruments TL070_06 Datasheet HTML 3Page - Texas Instruments TL070_06 Datasheet HTML 4Page - Texas Instruments TL070_06 Datasheet HTML 5Page - Texas Instruments TL070_06 Datasheet HTML 6Page - Texas Instruments TL070_06 Datasheet HTML 7Page - Texas Instruments TL070_06 Datasheet HTML 8Page - Texas Instruments TL070_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TL070
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS121B – NOVEMBER 1993 – REVISED MARCH 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO =0
RS =50 Ω
25
°C
3
10
mV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
Full range
13
mV
a
V
IO
Temperature coefficient of input offset voltage
VO = 0,
RS = 50 Ω
Full range
18
µV/°C
IIO
Input offset current
VO =0
25
°C
5
100
pA
IIO
Input offset current
VO = 0
Full range
10
nA
IIB
Input bias current‡
VO =0
25
°C
65
200
pA
IIB
Input bias current‡
VO = 0
Full range
20
nA
VICR
Common-mode input voltage range
25
°C
±11
–12
to 15
V
RL = 10 kΩ
25
°C
±12 ±13.5
VOM
Maximum peak output voltage swing
RL ≥ 10 kΩ
Full range
±12
V
RL ≥ 2 kΩ
Full range
±10
AVD
Large signal differential voltage amplification
VO = ±10 V RL ≥ 2kΩ
25
°C
25
200
V/mV
AVD
Large-signal differential voltage amplification
VO = ±10 V, RL ≥ 2 kΩ
Full range
15
V/mV
B1
Unity-gain bandwidth
25
°C
3
MHz
ri
Input resistance
25
°C
1012
W
CMRR
Common-mode rejection ratio
VIC = VICRmin,
VO = 0, RS = 50 Ω
25
°C
70
100
dB
kSVR
Supply-voltage rejection ratio (
∆VCC±/∆VIO)
VCC = ±9 V to ±15 V,
VO = 0, RS = 50 Ω
25
°C
70
100
dB
ICC
Supply current
VO = 0,
No load
25
°C
1.4
2.5
mA
VO1/VO2
Crosstalk attenuation
AVD = 100
25
°C
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified. Full range for TA is
–40
°C to 85°C.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in
Figure 5. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ,
CL = 100 pF, See Figure 1
8
13
V/
µs
t
Rise time overshoot factor
VI =20mV
RL =2kΩ
CL = 100 pF
See Figure 1
0.1
µs
tr
Rise-time overshoot factor
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF, See Figure 1
20
%
V
Equivalent input noise voltage
RS =20 Ω
f = 1 kHz
18
nV/
√Hz
Vn
Equivalent input noise voltage
RS = 20 Ω
f = 10 Hz to 10 kHz
4
µV
In
Equivalent input noise current
RS = 20 Ω,
f = 1 kHz
0.01
pA/
√Hz
THD
Total harmonic distortion
VO(rms) = 10 V,
RS ≤ 1 kΩ,
RL ≥ 2 kΩ,
f = 1 kHz
0.003
%


Similar Part No. - TL070_06

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL07020AV TRANSKO-TL07020AV Datasheet
639Kb / 4P
   70.00 MHz IF SAW Filter / 19.5 MHz Bandwidth
Revision 0: 16 Jan. 2008
TL07020BD1 TRANSKO-TL07020BD1 Datasheet
571Kb / 4P
   70.00 MHz IF SAW Filter / 20.05 MHz Bandwidth
Revision 0: 14 Jun. 2008
More results

Similar Description - TL070_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411 TI-LF411 Datasheet
172Kb / 7P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
[Old version datasheet]   JFET Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com