Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS1177NSR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS1177NSR
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS1177NSR Datasheet(HTML) 1 Page - Texas Instruments

  SN75ALS1177NSR Datasheet HTML 1Page - Texas Instruments SN75ALS1177NSR Datasheet HTML 2Page - Texas Instruments SN75ALS1177NSR Datasheet HTML 3Page - Texas Instruments SN75ALS1177NSR Datasheet HTML 4Page - Texas Instruments SN75ALS1177NSR Datasheet HTML 5Page - Texas Instruments SN75ALS1177NSR Datasheet HTML 6Page - Texas Instruments SN75ALS1177NSR Datasheet HTML 7Page - Texas Instruments SN75ALS1177NSR Datasheet HTML 8Page - Texas Instruments SN75ALS1177NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN75ALS1177, SN75ALS1178
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS154B – MARCH 1993 – REVISED FEBRUARY 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meet or Exceed Standards TIA/EIA-422-B
and TIA/EIA-485-A
D Designed for Multipoint Bus Transmission
on Long Bus Lines in Noisy Environments
D Low Supply-Current Requirement
50 mA Max
D Driver Positive- and Negative-Current
Limiting
D Driver Common-Mode Output Voltage
Range of –7 V to 12 V
D Thermal Shutdown Protection
D Driver 3-State Outputs Active-High Enable
D Receiver Common-Mode Input Voltage
Range of –12 V to 12 V
D Receiver Input Sensitivity . . . ±200 mV
D Receiver Hysteresis . . . 50 mV Typ
D Receiver High Input
Impedance ...12k
Ω Min
D Receiver 3-State Outputs Active-Low
Enable for SN75ALS1177 Only
D Operate From Single 5-V Supply
description
The SN75ALS1177 and SN75ALS1178 dual differential drivers and receivers are integrated circuits designed
for bidirectional data communication on multipoint bus transmission lines. They are designed for balanced
transmission lines and meet standards TIA/EIA-422-B and TIA/EIA-485-A.
The SN75ALS1177 combines dual 3-state differential line drivers and dual 3-state differential input line
receivers, both of which operate from a single 5-V power supply. The drivers and receivers have active-high
and active-low enables, respectively, which can be externally connected together to function as direction
control. The SN75ALS1178 drivers each have an individual active-high enable. Fail-safe design ensures that
when the receiver inputs are open, the receiver outputs are always high.
The SN75ALS1177 and SN75ALS1178 are characterized for operation from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
PLASTIC
DIP
(N)
PLASTIC
SMALL OUTLINE
(NS)
0
°Cto70°C
SN75ALS1177N
SN75ALS1177NSR
0
°C to 70°C
SN75ALS1178N
SN75ALS1178NSR
The NS package is only available taped and reeled. Add the
suffix R to the device type (e.g., SN75ALS1177NSR).
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
RE
2R
2A
2B
GND
VCC
1D
1Y
1Z
DE
2Z
2Y
2D
SN75ALS1177 ...N OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
1DE
2R
2A
2B
GND
VCC
1D
1Y
1Z
2DE
2Z
2Y
2D
SN75ALS1178 ...N OR NS PACKAGE
(TOP VIEW)


Similar Part No. - SN75ALS1177NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS1177NSR TI-SN75ALS1177NSR Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177NSR TI-SN75ALS1177NSR Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177NSRE4 TI-SN75ALS1177NSRE4 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177NSRE4 TI-SN75ALS1177NSRE4 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177NSRG4 TI-SN75ALS1177NSRG4 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75ALS1177NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com