Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG140-35K Datasheet(PDF) 8 Page - Microsemi Corporation

Part # SG140-35K
Description  positve fixed voltage regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG140-35K Datasheet(HTML) 8 Page - Microsemi Corporation

  SG140-35K Datasheet HTML 1Page - Microsemi Corporation SG140-35K Datasheet HTML 2Page - Microsemi Corporation SG140-35K Datasheet HTML 3Page - Microsemi Corporation SG140-35K Datasheet HTML 4Page - Microsemi Corporation SG140-35K Datasheet HTML 5Page - Microsemi Corporation SG140-35K Datasheet HTML 6Page - Microsemi Corporation SG140-35K Datasheet HTML 7Page - Microsemi Corporation SG140-35K Datasheet HTML 8Page - Microsemi Corporation SG140-35K Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SG140A/SG140 SERIES
2/90 Rev 1.4 6/97
LINFINITY Microelectronics Inc.
Copyright
 1997
11861 Western Avenue ∞
∞ Garden Grove, CA 92841
8
(714) 898-8121 ∞
∞FAX: (714) 893-2570
18V& 24V POSITIVE REGULATOR
ELECTRICAL CHARACTERISTICS (Note 1)
Note 1. All regulation tests are made at constant junction temperature with low duty cycle testing.
2. This test is guaranteed but is not tested in production.
SG140 - 18
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140-18 with -55°C
≤ T
A ≤ 150°C, and VIN = 27V,
I
O = 500mA, CIN = 0. 33µF, COUT = 0.1µF and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are
used which maintains junction and case temperature equal to the ambient temperature.)
Units
Test Conditions
Parameter
I
O = 5mA to 1.0A, TJ = 25°C
V
IN = 21.5V to 33V
V
IN = 21V to 33V, TJ = 25°C
V
IN = 24V to 30V,
I
O = 1.0A
V
IN = 21V to 30V,
I
O = 1.0A, TJ = 25°C
I
O = 5mA to 1.0A
I
O = 5mA to 1.5A, TJ = 25°C
I
O = 250mA to 750mA, TJ = 25°C
V
IN = 21V to 33V, IO = 5mA to 1.0A, P ≤ 15W
I
O = 1A
T
J = 25°C
With Line: V
IN = 21V to 33V
V
IN = 21V to 33V, IO = 1A, TJ = 25°C
With Load: I
O = 5mA to 1.0A
∆V
O = 100mV, IO = 1A, TJ = 25°C
T
J = 25°C
T
J = 25°C
∆V
IN = 10V, f = 120Hz, TJ = 25°C
f = 10Hz to 100KHz (Note 2)
1000hrs. at T
J = 125°C
I
O = 5mA
Units
Test Conditions
Parameter
I
O = 5mA to 1.0A, TJ = 25°C
V
IN = 28V to 38V
V
IN = 27V to 38V, TJ = 25°C
V
IN = 30V to 36V, IO = 1.0A
V
IN = 27.1V to 35V, IO = 1.0A, TJ = 25°C
I
O = 5mA to 1.0A
I
O = 5mA to 1.5A, TJ = 25°C
I
O = 250mA to 750mA, TJ = 25°C
V
IN = 27V to 38V, IO = 5mA to 1.0A, P ≤ 15W
I
O = 1.0A
T
J = 25°C
With Line: V
IN = 27V to 38V
V
IN = 28V to 38V, IO = 1A, TJ = 25°C
With Load: I
O = 5mA to 1.0A
∆V
O = 100mV, IO = 1A, TJ = 25°C
T
J = 25°C
T
J = 25°C
∆V
IN = 10V, f = 120Hz, TJ = 25°C
f = 10Hz to 100KHz (Note 2)
1000hrs. at T
J = 125°C
I
O = 5mA
SG140 - 24
(Unless otherwise specified, these specifications apply over full operating ambient temperatures for SG140-24 with -55°C
≤ T
A ≤ 150°C, and VIN = 33V,
I
O = 500mA, CIN = 0. 33µF, COUT = 0.1µF and are applicable for the K, R, and IG - Power package - only. Low duty cycle pulse testing techniques are
used which maintains junction and case temperature equal to the ambient temperature.)
Output Voltage
Line Regulation (Note 1)
Load Regulation (Note 1)
Total Output Voltage
Tolerance
Quiescent Current
Quiescent Current Change
Dropout Voltage
Peak Output Current
Short Circuit Current
Ripple Rejection
Output Noise Voltage (rms)
Long Term Stability
Thermal Shutdown
V
mV
mV
mV
mV
mV
mV
mV
V
mA
mA
mA
mA
mA
V
A
A
dB
µV/V
mV
°C
Output Voltage
Line Regulation (Note 1)
Load Regulation (Note 1)
Total Output Voltage
Tolerance
Quiescent Current
Quiescent Current Change
Dropout Voltage
Peak Output Current
Short Circuit Current
Ripple Rejection
Output Noise Voltage (rms)
Long Term Stability
Thermal Shutdown
V
mV
mV
mV
mV
mV
mV
mV
V
mA
mA
mA
mA
mA
V
A
A
dB
µV/V
mV
°C
Min.
Typ. Max.
SG140 - 18
17.3
17.1
59
18.0
18.0
2
2.4
2.1
72
175
18.7
180
180
90
180
180
180
90
18.9
7
6
0.8
0.8
0.5
2.5
40
Min.
Typ. Max.
SG140 - 24
23
22.8
56
24
24.0
2
2.4
2.1
96
175
25
240
240
120
240
240
240
120
25.2
7
6
0.8
0.8
0.5
2.5
40


Similar Part No. - SG140-35K

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SG140 AMETHERM-SG140 Datasheet
359Kb / 1P
   SURGE-GAR INRUSH CURRENT LIMITER
More results

Similar Description - SG140-35K

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L09 WINGS-78L09 Datasheet
155Kb / 2P
   Positve-Voltage Regulators
logo
AUK corp
S79XXD AUK-S79XXD Datasheet
264Kb / 8P
   Fixed Voltage Regulator
S78XXD AUK-S78XXD Datasheet
274Kb / 10P
   Fixed Voltage Regulator
S7805P AUK-S7805P Datasheet
149Kb / 3P
   Fixed Voltage Regulator
S7805PIC AUK-S7805PIC_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXPI AUK-S78XXPI Datasheet
285Kb / 10P
   Fixed Voltage Regulator
S78XXPIC AUK-S78XXPIC Datasheet
282Kb / 10P
   Fixed Voltage Regulator
S79XXD AUK-S79XXD_1 Datasheet
294Kb / 8P
   Fixed Voltage Regulator
S7805D AUK-S7805D_06 Datasheet
287Kb / 11P
   Fixed Voltage Regulator
S78XXP AUK-S78XXP Datasheet
303Kb / 11P
   Fixed Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com